Electronic Components Datasheet Search
  English  ▼

X  

TEST1 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # TEST1
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST1 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button TEST1 Datasheet HTML 14Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 15Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 16Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 17Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 18Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 19Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 20Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 21Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
18 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
9.
Application design-in information
9.1 Minimizing IDD when I/Os control LEDs
When the I/Os are used to control LEDs, normally they are connected to VDD through a
resistor as shown in Figure 15. The LED acts as a diode, so when the LED is off, the I/O
VI is about 1.2 V less than VDD. The IDD parameter in Table 23 “Static characteristics”
shows how IDD increases as VI becomes lower than VDD. Designs that must minimize
current consumption, such as battery power applications, should consider maintaining the
I/O pins greater than or equal to VDD when the LED is off.
Figure 16 shows a high-value resistor in parallel with the LED. Figure 17 shows VDD less
than the LED supply voltage by at least 1.2 V. Both of these methods maintain the I/O VI
at or above VDD and prevent additional supply current consumption when the LED is off.
Device address configured as 0100 000x for this example.
P0 and P2 through P4 are configured as inputs.
P1 and P5 through P7 are configured as outputs.
(1) Resistors are required for inputs (on P port) that may float. If a driver to an input will never let the input float, a resistor is not
needed. Outputs (in the P port) do not need pull-up resistors.
Fig 15. Typical application
PCAL6408A
P0
P1
SCL
SDA
VDD
SCL
SDA
P2
P3
VSS
MASTER
CONTROLLER
VSS
VDD(I2C-bus) = 1.8 V
controlled
switch
A
B
enable
INT
VDD(P)
INT
10 kΩ
SUBSYSTEM 1
(e.g., alarm system)
ALARM(1)
P4
P5
P6
P7
10 kΩ
10 kΩ
RESET
RESET
VDD(P)
002aah092
VDD(I2C-bus)
VDD(I2C-bus)
ADDR
KEYPAD
10 kΩ
10 kΩ (× 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com