Electronic Components Datasheet Search
  English  ▼

X  

TEST1 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # TEST1
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST1 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button TEST1 Datasheet HTML 21Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 22Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 23Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 24Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 25Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 26Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 27Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 28Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
25 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
IOL
LOW-level output current
VOL =0.4 V; VDD(P) =1.65V to 5.5V
[4]
SDA
3
-
-
mA
INT
315[5]
-mA
II
input current
VDD(P) = 1.65 V to 5.5 V
SCL, SDA, RESET; VI =VDD(I2C-bus) or VSS
--
1
A
ADDR; VI =VDD(P) or VSS
--
1
A
IIH
HIGH-level input current
P port; VI =VDD(P); VDD(P) =1.65V to 5.5V
-
-
1
A
IIL
LOW-level input current
P port; VI =VSS; VDD(P) = 1.65 V to 5.5 V
-
-
1
A
IDD
supply current
IDD(I2C-bus) +IDD(P); Operating mode;
SDA, P port, ADDR, RESET;
VI on SDA and RESET =VDD(I2C-bus) or VSS;
VI on P port and ADDR = VDD(P) or VSS;
IO = 0 mA; I/O = inputs; fSCL = 400 kHz
VDD(P) = 3.6 V to 5.5 V
-
10
25
A
VDD(P) = 2.3 V to 3.6 V
-
6.5
15
A
VDD(P) = 1.65 V to 2.3 V
-
4
9
A
IDD(I2C-bus) +IDD(P); Standby mode;
SCL, SDA, P port, ADDR, RESET;
VI on SCL, SDA and RESET =VDD(I2C-bus) or VSS;
VI on P port and ADDR = VDD(P);
IO = 0 mA; I/O = inputs; fSCL = 0 kHz
VDD(P) = 3.6 V to 5.5 V
-
1.5
7
A
VDD(P) = 2.3 V to 3.6 V
-
1
3.2
A
VDD(P) = 1.65 V to 2.3 V
-
0.5
1.7
A
Active mode; IDD(I2C-bus) +IDD(P);
P port, ADDR, RESET;
VI on RESET =VDD(I2C-bus);
VI on P port and ADDR = VDD(P);
IO = 0 mA; I/O = inputs;
fSCL = 400 kHz, continuous register read
VDD(P) = 3.6 V to 5.5 V
-
60
125
A
VDD(P) = 2.3 V to 3.6 V
-
40
75
A
VDD(P) = 1.65 V to 2.3 V
-
20
45
A
with pull-ups enabled;
IDD(I2C-bus) +IDD(P); P port, ADDR, RESET;
VI on SCL, SDA and RESET =VDD(I2C-bus) or VSS;
VI on P port = VSS;
VI on ADDR = VDD(I2C-bus) or VSS;
IO = 0 mA; I/O = inputs with pull-up enabled;
fSCL = 0 kHz
VDD(P) = 1.65 V to 5.5 V
-
0.55
0.75
mA
Table 23.
Static characteristics …continued
Tamb = 40 C to +85 C; VDD(I2C-bus) = 1.65 V to 5.5 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1] Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com