Electronic Components Datasheet Search
  English  ▼

X  

TEST1 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # TEST1
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST1 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button TEST1 Datasheet HTML 15Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 16Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 17Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 18Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 19Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 20Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 21Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 22Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
19 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
9.2 Output drive strength control
The Output drive strength registers allow the user to control the output drive level of the
GPIO. Each GPIO can be configured independently to one of the four possible output
current levels. By programming these bits the user is changing the number of transistor
pairs or ‘fingers’ that drive the I/O pad.
Figure 18 shows a simplified output stage. The behavior of the pad is affected by the
Configuration register, the output port data, and the current control register. When the
Current Control register bits are programmed to 10b, then only two of the fingers are
active, reducing the current drive capability by 50 %.
Fig 16. High-value resistor in parallel
with the LED
Fig 17. Device supplied by a lower voltage
002aah278
LED
VDD(P)
Pn
100 kΩ
VDD
002aah279
LED
VDD(P)
Pn
3.3 V
5 V
Fig 18. Simplified output stage
VDD(P)
P0 to P7
Configuration
register
002aah093
DECODER
PMOS_EN0
PMOS_EN1
PMOS_EN2
PMOS_EN3
NMOS_EN3
NMOS_EN2
NMOS_EN1
NMOS_EN0
Output port
register
Current Control
register
PMOS_EN[3:0]
NMOS_EN[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com