Electronic Components Datasheet Search
  English  ▼

X  

TEST1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TEST1
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TEST1 Datasheet HTML 1Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 2Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 3Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 4Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 5Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 6Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 7Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 8Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
3 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
 ESD protection exceeds JESD 22
 2000 V Human-Body Model (A114-A)
 1000 V Charged-Device Model (C101)
 Packages offered: HVQFN16, TSSOP16, XQFN16,
XFBGA16 (1.6 mm
 1.6 mm  0.5 mm)
2.1 Agile I/O features
 Software backward compatible with PCA6408A with interrupts disabled at power-up
 Pin-to-pin drop-in replacement for PCA6408A
 Output port configuration: bank selectable push-pull or open-drain output stages
 Interrupt status: read-only register identifies the source of an interrupt
 Bit-wise I/O programming features:
 Output drive strength: four programmable drive strengths to reduce rise and fall
times in low-capacitance applications
 Input latch: Input Port register values changes are kept until the Input Port register
is read
 Pull-up/pull-down enable: floating input or pull-up/pull-down resistor enable
 Pull-up/pull-down selection: 100 k
 pull-up/pull-down resistor selection
 Interrupt mask: mask prevents the generation of the interrupt when input changes
state to prevent spurious interrupts
3.
Ordering information
Table 1.
Ordering information
Type number
Topside
marking
Package
Name
Description
Version
PCAL6408ABS
L8A
HVQFN16
plastic thermal enhanced very thin quad flat package; no leads;
16 terminals; body 3
 3  0.85 mm
SOT758-1
PCAL6408APW
PL6408A
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
PCAL6408AHK
L8
XQFN16
plastic, extremely thin quad flat package; no leads; 16 terminals;
body 1.80
 2.60  0.50 mm
SOT1161-1
PCAL6408AEX
L8
XFBGA16
plastic, extremely thin fine-pitch ball grid array package; 16 balls;
body 1.6
 1.6  0.5 mm
SOT1354-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com