Electronic Components Datasheet Search
  English  ▼

X  

TEST1 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # TEST1
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST1 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button TEST1 Datasheet HTML 16Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 17Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 18Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 19Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 20Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 21Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 22Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 23Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
20 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
Reducing the current drive capability may be desirable to reduce system noise. When the
output switches (transitions from H/L), there is a peak current that is a function of the
output drive selection. This peak current runs through VDD and VSS package inductance
and creates noise (some radiated, but more critically Simultaneous Switching Noise
(SSN)). In other words, switching many outputs at the same time creates ground and
supply noise. The output drive strength control through the Output Drive Strength
registers allows the user to mitigate SSN issues without the need of additional external
components.
9.3 Power-on reset requirements
In the event of a glitch or data corruption, PCAL6408A can be reset to its default
conditions by using the power-on reset feature. Power-on reset requires that the device
go through a power cycle to be completely reset. This reset also happens when the device
is powered on for the first time in an application.
The two types of power-on reset are shown in Figure 19 and Figure 20.
Table 19 specifies the performance of the power-on reset feature for PCAL6408A for both
types of power-on reset.
Fig 19. VDD is lowered below 0.2 V or 0 V and then ramped up to VDD
Fig 20. VDD is lowered below the POR threshold, then ramped back up to VDD
002aag960
VDD(P)
time
ramp-up
ramp-down
(dV/dt)r
(dV/dt)f
re-ramp-up
(dV/dt)r
time to re-ramp
when VDD(P) drops
below 0.2 V or to VSS
td(rst)
002aag961
VDD(P)
time
ramp-down
(dV/dt)f
ramp-up
(dV/dt)r
time to re-ramp
when VDD(P) drops
to VPOR(min) − 50 mV
td(rst)
VI drops below POR levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com