Electronic Components Datasheet Search
  English  ▼

X  

TEST1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TEST1
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TEST1 Datasheet HTML 1Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 2Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 3Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 4Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 5Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 6Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 7Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 8Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
2 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
The system master can reset the PCAL6408A in the event of a time-out or other improper
operation by asserting a LOW in the RESET input. The power-on reset puts the registers
in their default state and initializes the I2C-bus/SMBus state machine. The RESET pin
causes the same reset/initialization to occur without de-powering the part.
The PCAL6408A open-drain interrupt (INT) output is activated when any input state differs
from its corresponding Input Port register state and is used to indicate to the system
master that an input state has changed.
INT can be connected to the interrupt input of a microcontroller. By sending an interrupt
signal on this line, the remote I/O can inform the microcontroller if there is incoming data
on its ports without having to communicate via the I2C-bus. Thus, the PCAL6408A can
remain a simple slave device. The input latch feature holds or latches the input pin state
and keeps the logic values that created the interrupt until the master can service the
interrupt. This minimizes the host’s interrupt service response for fast moving inputs.
The device Port P outputs have 25 mA sink capabilities for directly driving LEDs while
consuming low device current.
One hardware pin (ADDR) can be used to program and vary the fixed I2C-bus address
and allow up to two devices to share the same I2C-bus or SMBus.
2.
Features and benefits
 I2C-bus to parallel port expander
 Operating power supply voltage range of 1.65 V to 5.5 V
 Allows bidirectional voltage-level translation and GPIO expansion between:
 1.8V SCL/SDA and 1.8V, 2.5V, 3.3V or 5V Port P
 2.5V SCL/SDA and 1.8V, 2.5V, 3.3V or 5V Port P
 3.3V SCL/SDA and 1.8V, 2.5V, 3.3V or 5V Port P
 5V SCL/SDA and 1.8V, 2.5V, 3.3V or 5V Port P
 Low standby current consumption of 1
A
 Schmitt-trigger action allows slow input transition and better switching noise immunity
at the SCL and SDA inputs
 Vhys = 0.18 V (typical) at 1.8 V
 Vhys = 0.25 V (typical) at 2.5 V
 Vhys = 0.33 V (typical) at 3.3 V
 Vhys = 0.5 V (typical) at 5 V
 5 V tolerant I/O ports
 Active LOW reset input (RESET)
 Open-drain active LOW interrupt output (INT)
 400 kHz Fast-mode I2C-bus
 Internal power-on reset
 Power-up with all channels configured as inputs
 No glitch on power-up
 Noise filter on SCL/SDA inputs
 Latched outputs with 25 mA drive maximum capability for directly driving LEDs
 Latch-up performance exceeds 100 mA per JESD 78, Class II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com