Electronic Components Datasheet Search
  English  ▼

X  

TEST1 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # TEST1
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST1 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button TEST1 Datasheet HTML 18Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 19Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 20Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 21Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 22Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 23Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 24Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 25Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
22 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
9.4 Device current consumption with internal pull-up and pull-down
resistors
The PCAL6408A integrates programmable pull-up and pull-down resistors to eliminate
external components when pins are configured as inputs and pull-up or pull-down
resistors are required (for example, nothing is driving the inputs to the power supply rails.
Since these pull-up and pull-down resistors are internal to the device itself, they contribute
to the current consumption of the device and must be considered in the overall system
design.
The pull-up or pull-down function is selected in register 44h, while the resistor is
connected by the enable register 43h. The configuration of the resistors is shown in
Figure 9.
If the resistor is configured as a pull-up, that is, connected to VDD, a current flows from the
VDD(P) pin through the resistor to ground when the pin is held LOW. This current appears
as additional IDD upsetting any current consumption measurements.
In the same manner, if the resistor is configured as a pull-down and the pin is held HIGH,
current flows from the power supply through the pin to the VSS pin. While this current is
not measured as part of IDD, one must be mindful of the 200 mA limiting value through
VSS.
The pull-up and pull-down resistors are simple resistors and the current is linear with
voltage. The resistance specification for these devices spans from 50 k
 with a nominal
100 k
 value. Any current flow through these resistors is additive by the number of pins
held HIGH or LOW and the current can be calculated by Ohm’s law. See Figure 26 for a
graph of supply current versus the number of pull-up resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com