Electronic Components Datasheet Search
  English  ▼

X  

TEST1 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # TEST1
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST1 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button TEST1 Datasheet HTML 30Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 31Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 32Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 33Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 34Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 35Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 36Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 37Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
34 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
a. P port load configuration
b. Write mode (R/W =0)
c. Read mode (R/W =1)
CL includes probe and jig capacitance.
tv(Q) is measured from 0.7  VDD(I2C-bus) on SCL to 50 % I/O (Pn) output.
All inputs are supplied by generators having the following characteristics: PRR
 10 MHz; Z
o =50 ; tr/tf  30 ns.
The outputs are measured one at a time, with one transition per measurement.
All parameters and waveforms are not applicable to all devices.
Fig 33. P port load circuit and voltage waveforms
002aag981
DUT
CL = 50 pF
500 Ω
Pn
2 × VDD(P)
500 Ω
002aag982
SCL
SDA
P0
A
tv(Q)
0.3 × VDD(I2C-bus)
0.7 × VDD(I2C-bus)
P7
last stable bit
unstable
data
Pn
002aag983
SCL
Pn
P0
A
th(D)
0.3 × VDD(I2C-bus)
0.7 × VDD(I2C-bus)
P7
0.5 × VDD(P)
tsu(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com