Electronic Components Datasheet Search
  English  ▼

X  

TEST1 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TEST1
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST1 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TEST1 Datasheet HTML 2Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 3Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 4Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 5Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 6Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 7Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 8Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 9Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
6 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
5.2 Pin description
[1]
All I/O are configured as input at power-on.
Fig 5.
Pin configuration for
1.6 mm
 1.6 mm XFBGA16
Fig 6.
Ball mapping for
1.6 mm
 1.6 mm XFBGA16
Table 3.
Pin description
Symbol
Pin
Description
TSSOP16
HVQFN16
XQFN16
XFBGA16
VDD(I2C-bus)
1
15
15
A2
Supply voltage of I2C-bus. Connect directly to the VDD of
the external I2C master. Provides voltage-level
translation.
ADDR
2
16
16
B2
Address input. Connect directly to VDD(P) or ground.
RESET
3
1
1
A1
Active LOW reset input. Connect to VDD(I2C-bus) through a
pull-up resistor if no active connection is used.
P0[1]
4
2
2
B1
Port P input/output 0.
P1[1]
5
3
3
C2
Port P input/output 1.
P2[1]
6
4
4
C1
Port P input/output 2.
P3[1]
7
5
5
D1
Port P input/output 3.
VSS
8
6
6
D2
Ground.
P4[1]
9
7
7
D3
Port P input/output 4.
P5[1]
10
8
8
D5
Port P input/output 5.
P6[1]
11
9
9
C4
Port P input/output 6.
P7[1]
12
10
10
C3
Port P input/output 7.
INT
13
11
11
B4
Interrupt output. Connect to VDD(I2C-bus) through a pull-up
resistor.
SCL
14
12
12
A4
Serial clock bus. Connect to VDD(I2C-bus) through a pull-up
resistor.
SDA
15
13
13
B3
Serial data bus. Connect to VDD(I2C-bus) through a pull-up
resistor.
VDD(P)
16
14
14
A3
Supply voltage of PCAL6408A for Port P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com