Electronic Components Datasheet Search
  English  ▼

X  

TEST1 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TEST1
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST1 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TEST1 Datasheet HTML 7Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 8Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 9Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 10Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 11Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 12Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 13Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 14Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
11 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
7.4.7 Pull-up/pull-down enable register (43h)
This register allows the user to enable or disable pull-up/pull-down resistors on the I/O
pins. Setting the bit to logic 1 enables the selection of pull-up/pull-down resistors. Setting
the bit to logic 0 disconnects the pull-up/pull-down resistors from the I/O pins. Also, the
resistors are disconnected when the outputs are configured as open-drain outputs (see
Section 7.4.11). Use the pull-up/pull-down selection registers to select either a pull-up or
pull-down resistor.
7.4.8 Pull-up/pull-down selection register (44h)
The I/O port can be configured to have pull-up or pull-down resistor by programming the
pull-up/pull-down selection register. Setting a bit to logic 1 selects a 100 k
 pull-up
resistor for that I/O pin. Setting a bit to logic 0 selects a 100 k
 pull-down resistor for that
I/O pin. If the pull-up/down feature is disconnected, writing to this register has no effect on
I/O pin. Typical value is 100 k
 with minimum of 50 k and maximum of 150 k.
7.4.9 Interrupt mask register (45h)
Interrupt mask register is set to logic 1 upon power-on, disabling interrupts during system
start-up. Interrupts may be enabled by setting corresponding mask bits to logic 0. If an
input changes state and the corresponding bit in the Interrupt mask register is set to 1, the
interrupt is masked and the interrupt pin (INT) is not asserted. If the corresponding bit in
the Interrupt mask register is set to 0, the interrupt pin is asserted.
When an input changes state and the resulting interrupt is masked (interrupt mask bit
is 1), setting the input mask register bit to 0 causes the interrupt pin to be asserted. If the
interrupt mask bit of an input that is currently the source of an interrupt is set to 1, the
interrupt pin is de-asserted.
Table 13.
Input latch register (address 42h)
Bit
7
6
5
4
3
2
1
0
Symbol
L7
L6
L5
L4
L3
L2
L1
L0
Default
00
00
00
00
Table 14.
Pull-up/pull-down enable register (address 43h)
Bit
7
6
5
4
3
2
1
0
Symbol
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
Default
00
00
00
00
Table 15.
Pull-up/pull-down selection register (address 44h)
Bit
7
6
5
4
3
2
1
0
Symbol
PUD7
PUD6
PUD5
PUD4
PUD3
PUD2
PUD1
PUD0
Default
11
11
11
11
Table 16.
Interrupt mask register (address 45h)
Bit
7
6
5
4
3
2
1
0
Symbol
M7
M6
M5
M4
M3
M2
M1
M0
Default
11
11
11
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com