Electronic Components Datasheet Search
  English  ▼

X  

ADS7846 Datasheet(PDF) 2 Page - SYC Electronica

Part # ADS7846
Description  TOUCH SCREEN CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ADS7846 Datasheet(HTML) 2 Page - SYC Electronica

  ADS7846 Datasheet HTML 1Page - SYC Electronica ADS7846 Datasheet HTML 2Page - SYC Electronica ADS7846 Datasheet HTML 3Page - SYC Electronica ADS7846 Datasheet HTML 4Page - SYC Electronica ADS7846 Datasheet HTML 5Page - SYC Electronica ADS7846 Datasheet HTML 6Page - SYC Electronica ADS7846 Datasheet HTML 7Page - SYC Electronica ADS7846 Datasheet HTML 8Page - SYC Electronica ADS7846 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ADS7846
2
SBAS125H
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
+VCC to GND ........................................................................ –0.3V to +6V
Analog Inputs to GND ............................................ –0.3V to +VCC + 0.3V
Digital Inputs to GND ............................................. –0.3V to +VCC + 0.3V
Power Dissipation .......................................................................... 250mW
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature Range ......................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above these ratings can cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
MAXIMUM
INTEGRAL
SPECIFIED
LINEARITY
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
PRODUCT
ERROR (LSB)
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
ADS7846E
±2
SSOP-16
DBQ
–40
°C to +85°C
ADS7846E
ADS7846E
""
"
"
"
"
ADS7846E/2K5
ADS7846N
±2
TSSOP-16
PW
–40
°C to +85°C
ADS7846N
ADS7846N
""
"
"
"
"
ADS7846N/2K5
""
"
"
"
"
ADS7846N/2K5G4
ADS7846I
±2
VFBGA-48
GQC
–40
°C to +85°C
ADS7846
ADS7846IGQCR
ADS7846I
±2
QFN-16
RGV
–40
°C to +85°C
ADS7846
ADS7846IRGVT
""
"
"
"
"
ADS7846IRGVR
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or see the TI web site
at www.ti.com.
PACKAGE/ORDERING INFORMATION(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com