Electronic Components Datasheet Search
  English  ▼

X  

ADS7846 Datasheet(PDF) 9 Page - SYC Electronica

Part # ADS7846
Description  TOUCH SCREEN CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ADS7846 Datasheet(HTML) 9 Page - SYC Electronica

Back Button ADS7846 Datasheet HTML 5Page - SYC Electronica ADS7846 Datasheet HTML 6Page - SYC Electronica ADS7846 Datasheet HTML 7Page - SYC Electronica ADS7846 Datasheet HTML 8Page - SYC Electronica ADS7846 Datasheet HTML 9Page - SYC Electronica ADS7846 Datasheet HTML 10Page - SYC Electronica ADS7846 Datasheet HTML 11Page - SYC Electronica ADS7846 Datasheet HTML 12Page - SYC Electronica ADS7846 Datasheet HTML 13Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
ADS7846
9
SBAS125H
www.ti.com
INTERNAL REFERENCE
The ADS7846 has an internal 2.5V voltage reference that can
be turned on or off with the control bit, PD1 = 1 (see Table V and
Figure 3). Typically, the internal reference voltage is only used
in the single-ended mode for battery monitoring, temperature
measurement, and for using the auxiliary input. Optimal touch
screen performance is achieved when using the differential
mode. The internal reference voltage of the ADS7846 must be
commanded to be off to maintain compatibility with the ADS7843.
Therefore, after power-up, a write of PD1 = 0 is required to
insure the reference is off (see the Typical Characteristics for
power-up time of the reference from power-down).
REFERENCE INPUT
The voltage difference between +REF and –REF (shown in
Figure 2) sets the analog input range. The ADS7846 oper-
ates with a reference in the range of 1V to +VCC. There are
several critical items concerning the reference input and its
wide voltage range. As the reference voltage is reduced, the
analog voltage weight of each digital output code is also
reduced. This is often referred to as the LSB (least significant
bit) size and is equal to the reference voltage divided by 4096
in 12-bit mode. Any offset or gain error inherent in the ADC
appears to increase, in terms of LSB size, as the reference
voltage is reduced. For example, if the offset of a given
converter is 2LSBs with a 2.5V reference, it is typically
5LSBs with a 1V reference. In each case, the actual offset of
the device is the same, 1.22mV. With a lower reference
FIGURE 2. Simplified Diagram of Analog Input.
Converter
–REF
+REF
+IN
–IN
V
BAT
AUX
Battery
On
GND
A2-A0
(Shown 001
B)
2.5V
Reference
Ref On/Off
SER/DFR
(Shown High)
X+
X–
+V
CC
TEMP1
PENIRQ
Y+
Y–
V
REF
TEMP0
7.5k
Ω
2.5k
Ω
Buffer
Band
Gap
Reference
Power Down
To
CDAC
Optional
V
REF
FIGURE 3. Simplified Diagram of the Internal Reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com