Electronic Components Datasheet Search
  English  ▼

X  

ADS7846 Datasheet(PDF) 3 Page - SYC Electronica

Part # ADS7846
Description  TOUCH SCREEN CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ADS7846 Datasheet(HTML) 3 Page - SYC Electronica

  ADS7846 Datasheet HTML 1Page - SYC Electronica ADS7846 Datasheet HTML 2Page - SYC Electronica ADS7846 Datasheet HTML 3Page - SYC Electronica ADS7846 Datasheet HTML 4Page - SYC Electronica ADS7846 Datasheet HTML 5Page - SYC Electronica ADS7846 Datasheet HTML 6Page - SYC Electronica ADS7846 Datasheet HTML 7Page - SYC Electronica ADS7846 Datasheet HTML 8Page - SYC Electronica ADS7846 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ADS7846
3
SBAS125H
www.ti.com
ANALOG INPUT
Full-Scale Input Span
Positive Input-Negative Input
0
VREF
V
Absolute Input Range
Positive Input
–0.2
+VCC + 0.2
V
Negative Input
–0.2
+0.2
V
Capacitance
25
pF
Leakage Current
0.1
µA
SYSTEM PERFORMANCE
Resolution
12
Bits
No Missing Codes
11
Bits
Integral Linearity Error
±2
LSB(1)
Offset Error
±6LSB
Gain Error
External VREF
±4LSB
Noise
Including Internal VREF
70
µVrms
Power-Supply Rejection
70
dB
SAMPLING DYNAMICS
Conversion Time
12
CLK Cycles
Acquisition Time
3
CLK Cycles
Throughput Rate
125
kHz
Multiplexer Settling Time
500
ns
Aperture Delay
30
ns
Aperture Jitter
100
ps
Channel-to-Channel Isolation
VIN = 2.5Vp-p at 50kHz
100
dB
SWITCH DRIVERS
On-Resistance
Y+, X+
5
Ω
Y–, X–
6
Ω
Drive Current(2)
Duration 100ms
50
mA
REFERENCE OUTPUT
Internal Reference Voltage
2.45
2.50
2.55
V
Internal Reference Drift
15
ppm/
°C
Quiescent Current
500
µA
REFERENCE INPUT
Range
1.0
+VCC
V
Input Impedance
SER/DFR = 0, PD1 = 0,
1
G
Ω
Internal Reference Off
Internal Reference On
250
Ω
BATTERY MONITOR
Input Voltage Range
0.5
6.0
V
Input Impedance
Sampling Battery
10
k
Ω
Battery Monitor Off
1G
Ω
Accuracy
External VREF = 2.5V
–2+2
%
Internal Reference
–3+3
%
TEMPERATURE MEASUREMENT
Temperature Range
–40
+85
°C
Resolution
Differential Method(3)
1.6
°C
TEMP0(4)
0.3
°C
Accuracy
Differential Method(3)
±2
°C
TEMP0(4)
±3
°C
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Logic Levels, Except PENIRQ
VIH
| IIH | ≤ +5µA+VCC • 0.7
+VCC + 0.3
VIL
| IIL | ≤ +5µA
–0.3
+0.8
V
VOH
IOH = –250µA+VCC • 0.8
V
VOL
IOL = 250µA
0.4
V
PENIRQ
VOL
TA = 0°C to +85°C, 50kΩ Pull-Up
0.8
V
Data Format
Straight Binary
POWER-SUPPLY REQUIREMENTS
+VCC(5)
Specified Performance
2.7
3.6
V
Operating Range
2.2
5.25
V
Quiescent Current
Internal Reference Off
280
650
µA
Internal Reference On
780
µA
fSAMPLE = 12.5kHz
220
µA
Power-Down Mode with
3
µA
CS = DCLK = DIN = +VCC
Power Dissipation
+VCC = +2.7V
1.8
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
°C
NOTES: (1) LSB means least significant bit. With VREF equal to +2.5V, one LSB is 610µV. (2) Ensured by design, but not tested. Exceeding 50mA source current
may result in device degradation. (3) Difference between TEMP0 and TEMP1 measurement. No calibration necessary. (4) Temperature drift is –2.1mV/
°C.
(5) ADS7846 operates down to 2.2V.
ADS7846E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, +VCC = +2.7V, VREF = 2.5V internal voltage, fSAMPLE = 125kHz, fCLK = 16 • fSAMPLE = 2MHz, 12-bit mode, and digital inputs = GND or +VCC,
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com