Electronic Components Datasheet Search
  English  ▼

X  

ADS7846 Datasheet(PDF) 6 Page - SYC Electronica

Part # ADS7846
Description  TOUCH SCREEN CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ADS7846 Datasheet(HTML) 6 Page - SYC Electronica

Back Button ADS7846 Datasheet HTML 2Page - SYC Electronica ADS7846 Datasheet HTML 3Page - SYC Electronica ADS7846 Datasheet HTML 4Page - SYC Electronica ADS7846 Datasheet HTML 5Page - SYC Electronica ADS7846 Datasheet HTML 6Page - SYC Electronica ADS7846 Datasheet HTML 7Page - SYC Electronica ADS7846 Datasheet HTML 8Page - SYC Electronica ADS7846 Datasheet HTML 9Page - SYC Electronica ADS7846 Datasheet HTML 10Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ADS7846
6
SBAS125H
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, +VCC = +2.7V, VREF = External +2.5V, fSAMPLE = 125kHz, and fCLK = 16 • fSAMPLE = 2MHz, unless otherwise noted.
REFERENCE CURRENT vs SAMPLE RATE
75
0
125
25
50
100
Sample Rate (kHz)
14
12
10
8
6
4
2
0
REFERENCE CURRENT vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (
°C)
18
16
14
12
10
8
6
60
80
SWITCH-ON RESISTANCE vs TEMPERATURE
(X+, Y+: +V
CC to Pin; X–, Y–: Pin to GND)
20
–40
100
–20
X+
Y+
Y–
X–
40
Temperature (
°C)
1
8
7
6
5
4
3
2
60
80
0
2.4920
2.4915
2.4910
2.4905
2.4900
2.4895
2.4890
2.4885
2.4880
2.4875
Temperature (
°C)
INTERNAL V
REF vs TEMPERATURE
SWITCH-ON RESISTANCE vs +V
CC
(X+, Y+: +V
CC to Pin; X–, Y–: Pin to GND)
3.5
2.0
5.0
2.5
X+
Y+
Y–
X–
4.0
+V
CC (V)
1
8
7
6
5
4
3
2
4.5
3.0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
20
40
60
80
100
120
140
160
180
200
Sampling Rate (kHz)
MAXIMUM SAMPLING RATE vs R
IN
INL: R = 2k
INL: R = 500
DNL: R = 2k
DNL: R = 500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com