Electronic Components Datasheet Search
  English  ▼

X  

ADS7846 Datasheet(PDF) 4 Page - SYC Electronica

Part # ADS7846
Description  TOUCH SCREEN CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ADS7846 Datasheet(HTML) 4 Page - SYC Electronica

  ADS7846 Datasheet HTML 1Page - SYC Electronica ADS7846 Datasheet HTML 2Page - SYC Electronica ADS7846 Datasheet HTML 3Page - SYC Electronica ADS7846 Datasheet HTML 4Page - SYC Electronica ADS7846 Datasheet HTML 5Page - SYC Electronica ADS7846 Datasheet HTML 6Page - SYC Electronica ADS7846 Datasheet HTML 7Page - SYC Electronica ADS7846 Datasheet HTML 8Page - SYC Electronica ADS7846 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ADS7846
4
SBAS125H
www.ti.com
PIN CONFIGURATION
Top View
SSOP, TSSOP
Top View
VFBGA
1
2
3
4
5
6
7
8
+V
CC
X+
Y+
X–
Y–
GND
V
BAT
AUX
DCLK
CS
DIN
BUSY
DOUT
PENIRQ
+V
CC
V
REF
16
15
14
13
12
11
10
9
ADS7846
NC
NC
A
2
1
3
4
5
6
7
DCLK
+V
CC
+V
CC
X+
Y+
PENIRQ
+V
CC
V
REF
AUX
CS
DIN
BUSY DOUT
X–
Y–
GND
GND
V
BAT
NC
NC
NC
NC
NC
B
C
D
E
F
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
G
BUSY
DIN
CS
DCLK
AUX
V
BAT
GND
Y–
1
2
3
4
12
11
10
9
ADS7846
Top View
QFN
SSOP AND
TSSOP PIN #
VFBGA PIN #
QFN PIN #
NAME
DESCRIPTION
1
B1 and C1
5
+VCC
Power Supply
2
D1
6
X+
X+ Position Input
3
E1
7
Y+
Y+ Position Input
4G2
8
X–
X– Position Input
5G3
9
Y–
Y– Position Input
6
G4 and G5
10
GND
Ground
7G6
11
VBAT
Battery Monitor Input
8
E7
12
AUX
Auxiliary Input to ADC
9D7
13
VREF
Voltage Reference Input/Output
10
C7
14
+VCC
Digital I/O Power Supply
11
B7
15
PENIRQ
Pen Interrupt. Open anode output (requires 10k
Ω to 100kΩ pull-up resistor externally).
12
A6
16
DOUT
Serial Data Output. Data is shifted on the falling edge of DCLK. This output is high
impedance when CS is high.
13
A5
1
BUSY
Busy Output. This output is high impedance when CS is high.
14
A4
2
DIN
Serial Data Input. If CS is low, data is latched on rising edge of DCLK.
15
A3
3
CS
Chip Select Input. Controls conversion timing and enables the serial input/output register.
CS high = power-down mode (ADC only).
16
A2
4
DCLK
External Clock Input. This clock runs the SAR conversion process and synchronizes serial data
I/O.
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com