Electronic Components Datasheet Search
  English  ▼

X  

ADS7846 Datasheet(PDF) 1 Page - SYC Electronica

Part # ADS7846
Description  TOUCH SCREEN CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ADS7846 Datasheet(HTML) 1 Page - SYC Electronica

  ADS7846 Datasheet HTML 1Page - SYC Electronica ADS7846 Datasheet HTML 2Page - SYC Electronica ADS7846 Datasheet HTML 3Page - SYC Electronica ADS7846 Datasheet HTML 4Page - SYC Electronica ADS7846 Datasheet HTML 5Page - SYC Electronica ADS7846 Datasheet HTML 6Page - SYC Electronica ADS7846 Datasheet HTML 7Page - SYC Electronica ADS7846 Datasheet HTML 8Page - SYC Electronica ADS7846 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
FEATURES
q SAME PINOUT AS ADS7843
q 2.2V TO 5.25V OPERATION
q INTERNAL 2.5V REFERENCE
q DIRECT BATTERY MEASUREMENT (0V to 6V)
q ON-CHIP TEMPERATURE MEASUREMENT
q TOUCH-PRESSURE MEASUREMENT
q QSPITM/SPITM 3-WIRE INTERFACE
q AUTO POWER-DOWN
q TSSOP-16, SSOP-16, QFN-16,
AND VFBGA-48 PACKAGES
APPLICATIONS
q PERSONAL DIGITAL ASSISTANTS
q PORTABLE INSTRUMENTS
q POINT-OF-SALE TERMINALS
q PAGERS
q TOUCH SCREEN MONITORS
q CELLULAR PHONES
TOUCH SCREEN CONTROLLER
DESCRIPTION
The ADS7846 is a next-generation version to the industry
standard ADS7843 4-wire touch screen controller. The
ADS7846 is 100% pin-compatible with the existing ADS7843,
and drops into the same socket. This allows for easy upgrade
of current applications to the new version. Only software
changes are required to take advantage of the added fea-
tures of direct battery measurement, temperature measure-
ment, and touch-pressure measurement. The ADS7846 also
has an on-chip 2.5V reference that can be used for the
auxiliary input, battery monitor, and temperature measure-
ment modes. The reference can also be powered down when
not used to conserve power. The internal reference operates
down to 2.7V supply voltage while monitoring the battery
voltage from 0V to 6V.
The low-power consumption of < 0.75mW (typ at 2.7V,
reference off), high speed (up to 125kHz clock rate), and on-
chip drivers make the ADS7846 an ideal choice for battery-
operated systems such as personal digital assistants (PDAs)
with resistive touch screens, pagers, cellular phones, and
other portable equipment. The ADS7846 is available in the
small TSSOP-16, SSOP-16, QFN-16, and VFBGA-48 pack-
ages and is specified over the –40
°C to +85°C temperature
range.
CDAC
Internal 2.5V
Reference
SAR
ADS7846
Comparator
6-Channel
MUX
Serial
Data
Out
Temperature
Sensor
Battery
Monitor
DOUT
BUSY
CS
DCLK
DIN
VBAT
AUX
V
REF
+V
CC
X+
X–
Y+
Y–
PENIRQ
ADS7846
SBAS125H – SEPTEMBER 1999 – REVISED JANUARY 2005
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1999-2005, Texas Instruments Incorporated
US Patent No. 6246394
QSPI and SPI are registered trademarks of Motorola.
®
ADS7
846
ADS
7846
ADS
7846
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - ADS7846

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
TOUCH-SCREEN CONTROLLER
logo
Texas Instruments
ADS7846 TI1-ADS7846 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
ADS7846 TI-ADS7846 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846E BURR-BROWN-ADS7846E Datasheet
520Kb / 23P
TOUCH-SCREEN CONTROLLER
logo
Texas Instruments
ADS7846E TI1-ADS7846E Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
More results

Similar Description - ADS7846

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
TOUCH-SCREEN CONTROLLER
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
Touch Screen Controller
11/04-Changed from Rev. 0 to Rev. A
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
Touch Screen Controller
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
Touch Screen Controller
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
TOUCH SCREEN CONTROLLER
ADS7846IRGVRG4 TI1-ADS7846IRGVRG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846NG4 BURR-BROWN-ADS7846NG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
Touch Screen Controller
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com