Electronic Components Datasheet Search
  English  ▼

X  

ADS7846 Datasheet(PDF) 5 Page - SYC Electronica

Part # ADS7846
Description  TOUCH SCREEN CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ADS7846 Datasheet(HTML) 5 Page - SYC Electronica

  ADS7846 Datasheet HTML 1Page - SYC Electronica ADS7846 Datasheet HTML 2Page - SYC Electronica ADS7846 Datasheet HTML 3Page - SYC Electronica ADS7846 Datasheet HTML 4Page - SYC Electronica ADS7846 Datasheet HTML 5Page - SYC Electronica ADS7846 Datasheet HTML 6Page - SYC Electronica ADS7846 Datasheet HTML 7Page - SYC Electronica ADS7846 Datasheet HTML 8Page - SYC Electronica ADS7846 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
ADS7846
5
SBAS125H
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, +VCC = +2.7V, VREF = External +2.5V, fSAMPLE = 125kHz, and fCLK = 16 • fSAMPLE = 2MHz, unless otherwise noted.
SUPPLY CURRENT vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (
°C)
400
350
300
250
200
150
100
60
80
POWER-DOWN SUPPLY CURRENT
vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (
°C)
140
120
100
80
60
40
20
60
80
SUPPLY CURRENT vs +V
CC
3.5
2.0
5.0
2.5
4.0
+V
CC (V)
390
370
350
330
310
290
270
250
4.5
3.0
f
SAMPLE = 12.5kHz
MAXIMUM SAMPLE RATE vs +V
CC
3.5
2.0
5.0
2.5
4.0
+V
CC (V)
1M
100k
10k
1k
4.5
3.0
CHANGE IN GAIN vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (
°C)
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
60
80
CHANGE IN OFFSET vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (
°C)
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
60
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com