Electronic Components Datasheet Search
  English  ▼

X  

ADS7846 Datasheet(PDF) 7 Page - SYC Electronica

Part # ADS7846
Description  TOUCH SCREEN CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ADS7846 Datasheet(HTML) 7 Page - SYC Electronica

Back Button ADS7846 Datasheet HTML 3Page - SYC Electronica ADS7846 Datasheet HTML 4Page - SYC Electronica ADS7846 Datasheet HTML 5Page - SYC Electronica ADS7846 Datasheet HTML 6Page - SYC Electronica ADS7846 Datasheet HTML 7Page - SYC Electronica ADS7846 Datasheet HTML 8Page - SYC Electronica ADS7846 Datasheet HTML 9Page - SYC Electronica ADS7846 Datasheet HTML 10Page - SYC Electronica ADS7846 Datasheet HTML 11Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ADS7846
7
SBAS125H
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, +VCC = +2.7V, VREF = External +2.5V, fSAMPLE = 125kHz, and fCLK = 16 • fSAMPLE = 2MHz, unless otherwise noted.
2.4865
2.4860
2.4855
2.4850
2.4845
2.4840
V
CC (V)
INTERNAL V
REF vs VCC
850
800
750
700
650
600
550
500
450
Temperature (
°C)
TEMP DIODE VOLTAGE
vs TEMPERATURE (2.7V SUPPLY)
102.7mV
132.25mV
TEMP0
TEMP1
100
80
60
40
20
0
0
200
400
600
800
1000
1200
INTERNAL V
REF vs TURN-ON TIME
Turn-On Time (
µS)
1
µF Cap
(1110
µS)
12-Bit
Settling
No Cap
(52
µS)
12-Bit
Settling
620
618
616
614
612
610
2.7
3.0
3.3
V
SUPPLY (V)
TEMP0 DIODE VOLTAGE vs V
SUPPLY (25°C)
732
730
728
726
724
722
2.7
3.0
3.3
V
SUPPLY (V)
TEMP1 DIODE VOLTAGE vs V
SUPPLY (25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com