Electronic Components Datasheet Search
  English  ▼

X  

AD8178 Datasheet(PDF) 38 Page - Analog Devices

Part # AD8178
Description  450 MHz, Triple 16 횞 5 Video Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8178 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD8178 Datasheet HTML 32Page - Analog Devices AD8178 Datasheet HTML 33Page - Analog Devices AD8178 Datasheet HTML 34Page - Analog Devices AD8178 Datasheet HTML 35Page - Analog Devices AD8178 Datasheet HTML 36Page - Analog Devices AD8178 Datasheet HTML 37Page - Analog Devices AD8178 Datasheet HTML 38Page - Analog Devices AD8178 Datasheet HTML 39Page - Analog Devices AD8178 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
AD8178
Rev. 0 | Page 38 of 40
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-034-AAL-1
DETAIL A
0.70
0.60
0.50
BALL DIAMETER
TOP VIEW
A
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
1.00
BSC
COPLANARITY
0.20 MAX
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
DETAIL A
11
SEATING
PLANE
A1 BALL
PAD CORNER
27.20
27.00 SQ
26.80
24.20
24.00 SQ
23.80
A1 CORNER
INDEX AREA
2.43
2.32
2.15
0.60
0.55
0.50
0.70
0.60
0.50
1.19
1.17
1.15
Figure 54. 676-Ball Plastic Ball Grid Array [PBGA]
(B-676)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8178ABPZ1
−40°C to +85°C
676-Ball Plastic Ball Grid Array [PBGA]
B-676
AD8178-EVALZ1
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com