Electronic Components Datasheet Search
  English  ▼

X  

AD8178 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8178
Description  450 MHz, Triple 16 횞 5 Video Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8178 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8178 Datasheet HTML 15Page - Analog Devices AD8178 Datasheet HTML 16Page - Analog Devices AD8178 Datasheet HTML 17Page - Analog Devices AD8178 Datasheet HTML 18Page - Analog Devices AD8178 Datasheet HTML 19Page - Analog Devices AD8178 Datasheet HTML 20Page - Analog Devices AD8178 Datasheet HTML 21Page - Analog Devices AD8178 Datasheet HTML 22Page - Analog Devices AD8178 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
AD8178
Rev. 0 | Page 19 of 40
EQUIVALENT CIRCUITS
1kΩ
(VPOS – VNEG)
2
1kΩ
OPn, ONn
Figure 8. Enabled Output (see also ESD Protection Map, Figure 19)
0.4pF
3.1kΩ
20kΩ
20kΩ
3.4pF
3.4pF
OPn
VPOS
VNEG
20kΩ
20kΩ
VPOS
VNEG
ONn
Figure 9. Disabled Output (see also ESD Protection Map, Figure 19
)
1.3pF
1.3pF
0.3pF
IPn
INn
10kΩ
2500Ω
2500Ω
5050Ω
5050Ω
Figure 10. Receiver Differential (see also ESD Protection Map, Figure 19)
1.3pF
1.3pF
0.3pF
IPn
INn
10kΩ
2500Ω
2500Ω
Figure 11. Receiver Simplified Equivalent Circuit When Driving Differentially
1.6pF
IPn
INn
2.5kΩ
Figure 12. Receiver Simplified Equivalent Circuit When Driving Single-Ended
0.1pF
VPOS
10kΩ
0.1pF
10kΩ
VNEG
VBLK,
VOCM_CMENCOFF
Figure 13. VBLK and VOCM_CMENCOFF Inputs
(see also ESD Protection Map, Figure 19)
0.3pF
VPOS
3.33kΩ
0.3pF
3.33kΩ
VNEG
VOCM_CMENCON
Figure 14. VOCM_CMENCON Input (see also ESD Protection Map, Figure 19
)
RST
VDD
DGND
1kΩ
25kΩ
Figure 15. RST Input (see also ESD Protection Map, Figure 19)
CLK, SER/PAR, WE,
UPDATE, SERIN
A[2:0], D[4:0],
CMENC
DGND
1kΩ
Figure 16. Logic Input (see also ESD Protection Map, Figure 19)
DGND
1kΩ
25kΩ
CS
Figure 17. CS Input (see also ESD Protection Map, Figure 19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com