Electronic Components Datasheet Search
  English  ▼

X  

AD8178 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8178
Description  450 MHz, Triple 16 횞 5 Video Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8178 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8178 Datasheet HTML 11Page - Analog Devices AD8178 Datasheet HTML 12Page - Analog Devices AD8178 Datasheet HTML 13Page - Analog Devices AD8178 Datasheet HTML 14Page - Analog Devices AD8178 Datasheet HTML 15Page - Analog Devices AD8178 Datasheet HTML 16Page - Analog Devices AD8178 Datasheet HTML 17Page - Analog Devices AD8178 Datasheet HTML 18Page - Analog Devices AD8178 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
AD8178
Rev. 0 | Page 15 of 40
Ball No.
Mnemonic
Description
Y25
ONR1
Output Number 1, Negative Phase.
Y26
OPR1
Output Number 1, Positive Phase.
AA1
VPOS
Positive Analog Power Supply.
AA2
VPOS
Positive Analog Power Supply.
AA3
VPOS
Positive Analog Power Supply.
AA4
VPOS
Positive Analog Power Supply.
AA5
VPOS
Positive Analog Power Supply.
AA6
VPOS
Positive Analog Power Supply.
AA7
VPOS
Positive Analog Power Supply.
AA8
VPOS
Positive Analog Power Supply.
AA9
VPOS
Positive Analog Power Supply.
AA10
VPOS
Positive Analog Power Supply.
AA11
VPOS
Positive Analog Power Supply.
AA12
VPOS
Positive Analog Power Supply.
AA13
VPOS
Positive Analog Power Supply.
AA14
VPOS
Positive Analog Power Supply.
AA15
VPOS
Positive Analog Power Supply.
AA16
VPOS
Positive Analog Power Supply.
AA17
VPOS
Positive Analog Power Supply.
AA18
VPOS
Positive Analog Power Supply.
AA19
VPOS
Positive Analog Power Supply.
AA20
VPOS
Positive Analog Power Supply.
AA21
VPOS
Positive Analog Power Supply.
AA22
VPOS
Positive Analog Power Supply.
AA23
VPOS
Positive Analog Power Supply.
AA24
VNEG
Negative Analog Power Supply.
AA25
VNEG
Negative Analog Power Supply.
AA26
VNEG
Negative Analog Power Supply.
AB1
IPR5
Input Number 5, Positive Phase.
AB2
INR5
Input Number 5, Negative Phase.
AB3
IPG5
Input Number 5, Positive Phase.
AB4
VPOS
Positive Analog Power Supply.
AB5
VPOS
Positive Analog Power Supply.
AB6
DGND
Digital Power Supply.
AB7
VDD
Digital Power Supply.
AB8
D0
Control Pin, Input Address Bit 0.
AB9
D1
Control Pin, Input Address Bit 1.
AB10
D2
Control Pin, Input Address Bit 2.
AB11
D3
Control Pin, Input Address Bit 3.
AB12
D4
Control Pin, Input Address Bit 4.
AB13
CMENC
Control Pin, Pass/Stop CM Encoding.
AB14
WE
Control Pin, 1st Rank Write Strobe.
AB15
UPDATE
Control Pin, 2nd Rank Write Strobe.
AB16
RST
Control Pin, 2nd Rank Data Reset.
AB17
VDD
Digital Power Supply.
AB18
DGND
Digital Power Supply.
AB19
VPOS
Positive Analog Power Supply.
AB20
VPOS
Positive Analog Power Supply.
AB21
VPOS
Positive Analog Power Supply.
AB22
VPOS
Positive Analog Power Supply.
AB23
VPOS
Positive Analog Power Supply.
AB24
VNEG
Negative Analog Power Supply.
Ball No.
Mnemonic
Description
AB25
VNEG
Negative Analog Power Supply.
AB26
VNEG
Negative Analog Power Supply.
AC1
INB5
Input Number 5, Negative Phase.
AC2
IPB5
Input Number 5, Positive Phase.
AC3
ING5
Input Number 5, Negative Phase.
AC4
VPOS
Positive Analog Power Supply.
AC5
VPOS
Positive Analog Power Supply.
AC6
VPOS
Positive Analog Power Supply.
AC7
VPOS
Positive Analog Power Supply.
AC8
VPOS
Positive Analog Power Supply.
AC9
VPOS
Positive Analog Power Supply.
AC10
VPOS
Positive Analog Power Supply.
AC11
VPOS
Positive Analog Power Supply.
AC12
VPOS
Positive Analog Power Supply.
AC13
VPOS
Positive Analog Power Supply.
AC14
VPOS
Positive Analog Power Supply.
AC15
VPOS
Positive Analog Power Supply.
AC16
VPOS
Positive Analog Power Supply.
AC17
VPOS
Positive Analog Power Supply.
AC18
VPOS
Positive Analog Power Supply.
AC19
H0
Output Number 0, H Sync.
AC20
V0
Output Number 0, V Sync.
AC21
VPOS
Positive Analog Power Supply.
AC22
NC
No Connect.
AC23
NC
No Connect.
AC24
VNEG
Negative Analog Power Supply.
AC25
VNEG
Negative Analog Power Supply.
AC26
VNEG
Negative Analog Power Supply.
AD1
VNEG
Negative Analog Power Supply.
AD2
VNEG
Negative Analog Power Supply.
AD3
VNEG
Negative Analog Power Supply.
AD4
IPG4
Input Number 4, Positive Phase.
AD5
ING4
Input Number 4, Negative Phase.
AD6
VNEG
Negative Analog Power Supply.
AD7
IPG3
Input Number 3, Positive Phase.
AD8
ING3
Input Number 3, Negative Phase.
AD9
VPOS
Positive Analog Power Supply.
AD10
IPG2
Input Number 2, Positive Phase.
AD11
ING2
Input Number 2, Negative Phase.
AD12
VNEG
Negative Analog Power Supply.
AD13
IPG1
Input Number 1, Positive Phase.
AD14
ING1
Input Number 1, Negative Phase.
AD15
VPOS
Positive Analog Power Supply.
AD16
IPG0
Input Number 0, Positive Phase.
AD17
ING0
Input Number 0, Negative Phase.
AD18
VNEG
Negative Analog Power Supply.
AD19
OPG0
Output Number 0, Positive Phase.
AD20
ONG0
Output Number 0, Negative Phase.
AD21
VPOS
Positive Analog Power Supply.
AD22
NC
No Connect.
AD23
NC
No Connect.
AD24
VNEG
Negative Analog Power Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com