Electronic Components Datasheet Search
  English  ▼

X  

AD8178 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8178
Description  450 MHz, Triple 16 횞 5 Video Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8178 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8178 Datasheet HTML 20Page - Analog Devices AD8178 Datasheet HTML 21Page - Analog Devices AD8178 Datasheet HTML 22Page - Analog Devices AD8178 Datasheet HTML 23Page - Analog Devices AD8178 Datasheet HTML 24Page - Analog Devices AD8178 Datasheet HTML 25Page - Analog Devices AD8178 Datasheet HTML 26Page - Analog Devices AD8178 Datasheet HTML 27Page - Analog Devices AD8178 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
AD8178
Rev. 0 | Page 24 of 40
–1.5
–1.0
–0.5
0
0.5
1.0
0
100
200
300
400
500
600
700
800
900 1000
–5
10
5
0
15
20
TIME (ns)
RED
HSYNC
VSYNC
GREEN
BLUE
Figure 38. Common-Mode Pulse Response
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
1000
FREQUENCY (MHz)
Figure 39. Common-Mode Isolation, CMENC Low
0
40
80
120
160
200
0
10203040
50
60708090
100
FREQUENCY (MHz)
Figure 40. Noise Spectral Density
0
200
400
600
800
1000
1200
1400
–70 –60 –50 –40 –30 –20 –10 0
10 20 30 40 50 60 70
VOS (mV)
Figure 41. VOS Distribution
–5
–4
–3
–2
–1
0
1
2
3
4
5
–40
–20
0
20
40
60
80
100
58µV/°C
TEMPERATURE (°C)
Figure 42. VOS Drift, RTO
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–40
–20
0
20406080
100
TEMPERATURE (°C)
–16µV/°C
Figure 43. VOS Drift, Common Mode, RTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com