Electronic Components Datasheet Search
  English  ▼

X  

AD8178 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8178
Description  450 MHz, Triple 16 횞 5 Video Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8178 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8178 Datasheet HTML 13Page - Analog Devices AD8178 Datasheet HTML 14Page - Analog Devices AD8178 Datasheet HTML 15Page - Analog Devices AD8178 Datasheet HTML 16Page - Analog Devices AD8178 Datasheet HTML 17Page - Analog Devices AD8178 Datasheet HTML 18Page - Analog Devices AD8178 Datasheet HTML 19Page - Analog Devices AD8178 Datasheet HTML 20Page - Analog Devices AD8178 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
AD8178
Rev. 0 | Page 17 of 40
TRUTH TABLE AND LOGIC DIAGRAM
Table 15. Operation Truth Table
WE
UPDATE
CLK
SERIN
SEROUT
RST
SER/PAR
CS
CMENC
Operation/Comment
X1
X
X
X
X
0
X
X
X
Asynchronous reset. All outputs
are disabled. Contents of the
45-bit shift register are
unchanged.
1
1
SERINi
SERINi-45
1
0
0
X
Serial mode. The data on the
SERIN line is loaded into the
45-bit shift register. The first bit
clocked into the shift register
appears at SEROUT 45 clock
cycles later. Data is not applied
to the switch array.
0
1
1
X
X
1
1
0
X
Parallel mode. The data on
parallel lines D0 through D4 is
loaded into the shift register
location addressed by A0
through A2. Data is not applied
to the switch array.
1
0
1
X
X
1
X
0
X
Switch array update. Data in
the 45-bit shift register is trans-
ferred to the parallel latches
and applied to the switch array.
1
X
X
X
X
1
1
0
X
No change in logic.
1 X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com