Electronic Components Datasheet Search
  English  ▼

X  

AD8178 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8178
Description  450 MHz, Triple 16 횞 5 Video Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8178 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8178 Datasheet HTML 16Page - Analog Devices AD8178 Datasheet HTML 17Page - Analog Devices AD8178 Datasheet HTML 18Page - Analog Devices AD8178 Datasheet HTML 19Page - Analog Devices AD8178 Datasheet HTML 20Page - Analog Devices AD8178 Datasheet HTML 21Page - Analog Devices AD8178 Datasheet HTML 22Page - Analog Devices AD8178 Datasheet HTML 23Page - Analog Devices AD8178 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
AD8178
Rev. 0 | Page 20 of 40
VDD
DGND
SEROUT,
H, V
CLK, RST,
SER/PAR,
WE,
UPDATE,
SERIN,
SEROUT,
A[2:0],
D[4:0],
CMENC,
CS
VPOS
VDD
VNEG
DGND
IPn, INn,
OPn, ONn, VBLK,
VOCM_CMENCOFF
VOCM_CMENCON
Figure 18.SEROUT, H, V Logic Outputs
(see also ESD Protection Map, Figure 19)
Figure 19. ESD Protection Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com