Electronic Components Datasheet Search
  English  ▼

X  

AD8178 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8178
Description  450 MHz, Triple 16 횞 5 Video Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8178 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8178 Datasheet HTML 18Page - Analog Devices AD8178 Datasheet HTML 19Page - Analog Devices AD8178 Datasheet HTML 20Page - Analog Devices AD8178 Datasheet HTML 21Page - Analog Devices AD8178 Datasheet HTML 22Page - Analog Devices AD8178 Datasheet HTML 23Page - Analog Devices AD8178 Datasheet HTML 24Page - Analog Devices AD8178 Datasheet HTML 25Page - Analog Devices AD8178 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
AD8178
Rev. 0 | Page 22 of 40
–5
–4
–3
–2
–1
0
1
2
3
4
5
012345678
TIME (ns)
Figure 26. Settling Time, 1% Zoom
–1000
0
1000
2000
3000
4000
5000
6000
TIME (ns)
–5
–4
–3
–2
–1
0
1
2
01
23
456
78
9
10
1650V/µs PEAK
Figure 27. Large Signal Rising Edge Slew Rate
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
1000
FREQUENCY (MHz)
Figure 28. Crosstalk, All Hostile, Single-Ended
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
1000
FREQUENCY (MHz)
Figure 29. Crosstalk, All Hostile
–120
–100
–80
–60
–40
–20
0
1
10
100
1000
FREQUENCY (MHz)
Figure 30. Crosstalk, Off Isolation
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
1000
FREQUENCY (MHz)
CMENC HIGH
CMENC LOW
Figure 31. Common-Mode Rejection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com