Electronic Components Datasheet Search
  English  ▼

X  

AD8178 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8178
Description  450 MHz, Triple 16 횞 5 Video Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8178 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8178 Datasheet HTML 7Page - Analog Devices AD8178 Datasheet HTML 8Page - Analog Devices AD8178 Datasheet HTML 9Page - Analog Devices AD8178 Datasheet HTML 10Page - Analog Devices AD8178 Datasheet HTML 11Page - Analog Devices AD8178 Datasheet HTML 12Page - Analog Devices AD8178 Datasheet HTML 13Page - Analog Devices AD8178 Datasheet HTML 14Page - Analog Devices AD8178 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AD8178
Rev. 0 | Page 11 of 40
Ball No.
Mnemonic
Description
D25
VNEG
Negative Analog Power Supply.
D26
VNEG
Negative Analog Power Supply.
E1
INB13
Input Number 13, Negative Phase.
E2
IPB13
Input Number 13, Positive Phase.
E3
ING13
Input Number 13, Negative Phase.
E4
VPOS
Positive Analog Power Supply.
E5
VPOS
Positive Analog Power Supply.
E6
DGND
Digital Power Supply.
E7
VDD
Digital Power Supply.
E8
CLR
Internal Register Clearing
E9
A0
Control Pin 0, Output Address Bit 0.
E10
A1
Control Pin 1, Output Address Bit 1.
E11
A2
Control Pin 2, Output Address Bit 2.
E12
SER/PAR
Control Pin: Serial Parallel Select Mode.
E13
SERIN
Control Pin: Serial Data In.
E14
CLK
Control Pin: Serial Data Clock.
E15
CS
Control Pin: Chip Select.
E16
SEROUT
Control Pin: Serial Data Out.
E17
VDD
Digital Power Supply.
E18
DGND
Digital Power Supply.
E19
VPOS
Positive Analog Power Supply.
E20
VPOS
Positive Analog Power Supply.
E21
VPOS
Positive Analog Power Supply.
E22
VPOS
Positive Analog Power Supply.
E23
VPOS
Positive Analog Power Supply.
E24
VNEG
Negative Analog Power Supply.
E25
VNEG
Negative Analog Power Supply.
E26
VNEG
Negative Analog Power Supply.
F1
VPOS
Positive Analog Power Supply.
F2
VPOS
Positive Analog Power Supply.
F3
VPOS
Positive Analog Power Supply.
F4
VPOS
Positive Analog Power Supply.
F5
VPOS
Positive Analog Power Supply.
F6
VPOS
Positive Analog Power Supply.
F7
VPOS
Positive Analog Power Supply.
F8
VPOS
Positive Analog Power Supply.
F9
VPOS
Positive Analog Power Supply.
F10
VPOS
Positive Analog Power Supply.
F11
VPOS
Positive Analog Power Supply.
F12
VPOS
Positive Analog Power Supply.
F13
VPOS
Positive Analog Power Supply.
F14
VPOS
Positive Analog Power Supply.
F15
VPOS
Positive Analog Power Supply.
F16
VPOS
Positive Analog Power Supply.
F17
VPOS
Positive Analog Power Supply.
F18
VPOS
Positive Analog Power Supply.
F19
VPOS
Positive Analog Power Supply.
F20
VPOS
Positive Analog Power Supply.
F21
VPOS
Positive Analog Power Supply.
F22
VPOS
Positive Analog Power Supply.
F23
VPOS
Positive Analog Power Supply.
F24
VPOS
Positive Analog Power Supply.
Ball No.
Mnemonic
Description
F25
VPOS
Positive Analog Power Supply.
F26
VPOS
Positive Analog Power Supply.
G1
VPOS
Positive Analog Power Supply.
G2
VPOS
Positive Analog Power Supply.
G3
VPOS
Positive Analog Power Supply.
G4
VPOS
Positive Analog Power Supply.
G5
VPOS
Positive Analog Power Supply.
G6
VPOS
Positive Analog Power Supply.
G7
VPOS
Positive Analog Power Supply.
G8
VPOS
Positive Analog Power Supply.
G9
VPOS
Positive Analog Power Supply.
G10
VPOS
Positive Analog Power Supply.
G11
VPOS
Positive Analog Power Supply.
G12
VPOS
Positive Analog Power Supply.
G13
VPOS
Positive Analog Power Supply.
G14
VPOS
Positive Analog Power Supply.
G15
VPOS
Positive Analog Power Supply.
G16
VPOS
Positive Analog Power Supply.
G17
VPOS
Positive Analog Power Supply.
G18
VPOS
Positive Analog Power Supply.
G19
VPOS
Positive Analog Power Supply.
G20
VPOS
Positive Analog Power Supply.
G21
VPOS
Positive Analog Power Supply.
G22
VPOS
Positive Analog Power Supply.
G23
V3
Output Number 3, V Sync.
G24
ONG3
Output Number 3, Negative Phase.
G25
OPB3
Output Number 3, Positive Phase.
G26
ONB3
Output Number 3, Negative Phase.
H1
IPR14
Input Number 14, Positive Phase.
H2
INR14
Input Number 14, Negative Phase.
H3
IPG14
Input Number 14, Positive Phase.
H4
VPOS
Positive Analog Power Supply.
H5
VPOS
Positive Analog Power Supply.
H6
VPOS
Positive Analog Power Supply.
H7
VPOS
Positive Analog Power Supply.
H8
VNEG
Negative Analog Power Supply.
H9
VNEG
Negative Analog Power Supply.
H10
VNEG
Negative Analog Power Supply.
H11
VNEG
Negative Analog Power Supply.
H12
VNEG
Negative Analog Power Supply.
H13
VNEG
Negative Analog Power Supply.
H14
VNEG
Negative Analog Power Supply.
H15
VNEG
Negative Analog Power Supply.
H16
VNEG
Negative Analog Power Supply.
H17
VNEG
Negative Analog Power Supply.
H18
VNEG
Negative Analog Power Supply.
H19
VNEG
Negative Analog Power Supply.
H20
VNEG
Negative Analog Power Supply.
H21
VPOS
Positive Analog Power Supply.
H22
VPOS
Positive Analog Power Supply.
H23
H3
Output Number 3, H Sync.
H24
OPG3
Output Number 3, Positive Phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com