Electronic Components Datasheet Search
  English  ▼

X  

AD8178 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8178
Description  450 MHz, Triple 16 횞 5 Video Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8178 Datasheet(HTML) 1 Page - Analog Devices

  AD8178 Datasheet HTML 1Page - Analog Devices AD8178 Datasheet HTML 2Page - Analog Devices AD8178 Datasheet HTML 3Page - Analog Devices AD8178 Datasheet HTML 4Page - Analog Devices AD8178 Datasheet HTML 5Page - Analog Devices AD8178 Datasheet HTML 6Page - Analog Devices AD8178 Datasheet HTML 7Page - Analog Devices AD8178 Datasheet HTML 8Page - Analog Devices AD8178 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
450 MHz, Triple 16 × 5
Video Crosspoint Switch
AD8178
Rev.
0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©
2007 Analog Devices, Inc. All rights reserved.
FEATURES
Large, triple 16 × 5 high speed, nonblocking switch array
Pin compatible with the AD8175 and AD8176 (16 × 9 switch
arrays) and the AD8177 (16 × 5 switch array)
Differential or single-ended operation
Supports sync-on common-mode and sync-on color
operating modes
RGB and HV outputs available for driving monitor directly
G = +4 operation (differential input to differential output)
Flexible power supplies: +5 V or ±2.5 V
Logic ground for convenient control interface
Serial or parallel programming of switch array
High impedance output disable allows connection of
multiple devices with minimal loading on output bus
Adjustable output CM and black level through external pins
Excellent ac performance
Bandwidth: 450 MHz
Slew rate: 1650 V/μs
Settling time: 4 ns to 1% to support 1600 × 1200 @ 85Hz
Low power of 2.3 W
Low all hostile crosstalk
−82 dB @ 5 MHz
−47 dB @ 500 MHz
Wide input common-mode range of 4 V
Reset pin allows disabling of all outputs
Fully populated 26 × 26 ball PBGA package
(27 mm × 27 mm, 1 mm ball pitch)
Convenient grouping of RGB signals for easy routing
APPLICATIONS
RGB video switching
KVM
Professional video
FUNCTIONAL BLOCK DIAGRAM
2
2
2
2
2
2
2
2
2
2
2
2
INPUT
RECEIVER
G = +2
OUTPUT
BUFFER
G = +1
5
80
25
VBLK
VOCM_CMENCON
VOCM_CMENCOFF
R
G
B
R
G
B
CMENC
SERIN
RST
UPDATE
CLK
WE
SER/PAR
D0 D1 D2 D3 D4 VPOS VNEG VDD
DGND
SEROUT
H
B
G
R
V
H
B
G
R
V
25
A0
A1
A2
AD8178
CS
1
0
SWITCH
MATRIX
G = +2
45-BIT SHIFT
REGISTER WITH
5-BIT PARALLEL
LOADING
DECODE
5 × 5:16 DECODERS
PARALLEL LATCH
20
NO
CONNECT
CLR
Figure 1.
GENERAL DESCRIPTION
The AD8178 is a high speed, triple 16 × 5 video crosspoint switch
matrix. It supports 1600 × 1200 RGB displays @ 85 Hz refresh rate,
by offering a 450 MHz bandwidth and a slew rate of 1650 V/μs.
With −82 dB of crosstalk and −90 dB isolation (@ 5 MHz), the
AD8178 is useful in many high speed video applications.
The AD8178 supports two modes of operation: differential-in
to differential-out mode with sync-on CM signaling passed
through the switch and differential-in to differential-out mode
with CM signaling removed through the switch. The output CM
and black level can be conveniently set via external pins.
The outputs can be used single-ended in conjunction with
decoded H and V outputs to drive a monitor directly.
The independent output buffers of the AD8178 can be placed
into a high impedance state to create larger arrays by paralleling
crosspoint outputs. Inputs can be paralleled as well. The AD8178
offers both serial and a parallel programming modes.
The AD8178 is packaged in a fully-populated 26 × 26 ball
PBGA package and is available over the extended industrial
temperature range of −40°C to +85°C.


Similar Part No. - AD8178

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8178 AD-AD8178 Datasheet
770Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
AD8178 AD-AD8178 Datasheet
826Kb / 40P
Video Crosspoint Switch
REV. 0
AD8178ABPZ AD-AD8178ABPZ Datasheet
770Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
AD8178 AD-AD8178_15 Datasheet
826Kb / 40P
Video Crosspoint Switch
REV. 0
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
More results

Similar Description - AD8178

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8116 AD-AD8116 Datasheet
287Kb / 26P
200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV.A
AD8106 AD-AD8106 Datasheet
571Kb / 28P
260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
3/06-Revision 0
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
AD8112 AD-AD8112 Datasheet
527Kb / 28P
Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
REV. 0
AD8176 AD-AD8176 Datasheet
476Kb / 32P
475 MHz, Triple 16 횞 9 Video Crosspoint Switch
Rev. PrA
AD8177 AD-AD8177 Datasheet
854Kb / 40P
500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
AD8113JSTZ AD-AD8113JSTZ Datasheet
1Mb / 28P
Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
REV. A
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com