Electronic Components Datasheet Search
  English  ▼

X  

RT9643 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9643
Description  5 Channel ACPI Regulator with Step-Down DC/DC Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9643 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9643 Datasheet HTML 1Page - Richtek Technology Corporation RT9643 Datasheet HTML 2Page - Richtek Technology Corporation RT9643 Datasheet HTML 3Page - Richtek Technology Corporation RT9643 Datasheet HTML 4Page - Richtek Technology Corporation RT9643 Datasheet HTML 5Page - Richtek Technology Corporation RT9643 Datasheet HTML 6Page - Richtek Technology Corporation RT9643 Datasheet HTML 7Page - Richtek Technology Corporation RT9643 Datasheet HTML 8Page - Richtek Technology Corporation RT9643 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
RT9643
4
DS9643-03 August 2007
www.richtek.com
To eliminate the “bump” add delay to the 5V_MAIN pin as shown below. The 5V_MAIN pin on the RT9643 does not
supply power to the IC, it is only used to monitor the voltage level of the 5V_MAIN supply.
Figure 2. S3 to S0 Transition (5V DUAL)
Figure 3. Adding Delay to 5V_MAIN
Another method to eliminate the potential for this “bump” is to use the PWR_OK to drive the 5V_MAIN pin. Some
systems cannot tolerate the long delay for PWR_OK (>100ms) to assert, hence the solution in figure C may be
preferable.
S5 to S3 :
During S5 to S3 transition, the IC will pull 5VSB_DRV low with 500nA current sink to limit inrush in Q4 if 5V
MAIN is below its UVLO threshold. At that time, 5V Dual is charged. The limited gate drive controls the inrush current
through Q4 as it charges C1 (Capacitance on 5V Dual). Depending on the CGD of Q4, the current available from 5VSB,
and the size of C1, C13 may be omitted.
GD(Q4)
7
Q4(INRUSH)
C
C13
10
x
5
x
C1
I
+
=
−
S3 to S0 :
The system signals this transition by raising the S3#I signal. S0 mode is not entered until 5V_MAIN o.k..
Then the following occurs :
VCC_EN releases and pull high by external resistor.
5VSB_DRV pulls high to turn off the P-Channel switch.
The 3.3V LDO turns off.
The 1.2V LDO and the VTT LDO are turned on and CSS is allowed to charge up
In most systems, the ATX power supply is enabled when S3#I goes to high. At that point, 5V_MAIN and 3.3 MAIN will
start to rise. The RT9643 waits until 5V_MAIN is above 4.5V to turn on Q3 and Q5. This can cause about a 10% “bump”
in both 5V DUAL and 3.3V DUAL when Q3 and Q5 turn on, since at that point, 5V_MAIN and 3.3 MAIN are at 90% of their
regulation value.
4.4V
5V Dual
5V_MAIN
VCC_EN
S3#I
5V_MAIN
from ATX
5V_MAIN
to RT9643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com