Electronic Components Datasheet Search
  English  ▼

X  

RT9643 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9643
Description  5 Channel ACPI Regulator with Step-Down DC/DC Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9643 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9643 Datasheet HTML 6Page - Richtek Technology Corporation RT9643 Datasheet HTML 7Page - Richtek Technology Corporation RT9643 Datasheet HTML 8Page - Richtek Technology Corporation RT9643 Datasheet HTML 9Page - Richtek Technology Corporation RT9643 Datasheet HTML 10Page - Richtek Technology Corporation RT9643 Datasheet HTML 11Page - Richtek Technology Corporation RT9643 Datasheet HTML 12Page - Richtek Technology Corporation RT9643 Datasheet HTML 13Page - Richtek Technology Corporation RT9643 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
RT9643
10
DS9643-03 August 2007
www.richtek.com
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
1.2V LDO
Regulation
I(1.2) from 0 to 5A
1.17
1.2
1.23
V
Drop-Out Voltage
I(1.2) ≦ 5A, RDS(ON) < 50mΩ
--
--
0.3
V
External Gate Drive
VCC = 4.75V
--
--
4.5
V
Gate Drive Source Current
--
1.2
--
mA
Gate Drive Sink Current
--
1.2
--
mA
FB 1.2V PGOOD Threshold
--
--
0.8
V
3.3V LDO
Regulation
I(3.3) from 0 to 1.25A, VCC > 4.75V
3.2
3.3
3.4
V
Drop-Out Voltage
I(3.3) ≦ 1.25A
--
--
1.5
V
Control Function
S3#I, EN input threshold
1
1.25
1.55
V
S3#I, EN input Current
-1
--
1
μA
Over-Temperature
Shutdown
--
150
--
°C
Over-Temperature
Hysteresis
--
25
--
°C
VCC_EN Output Low
RDS(ON)
--
170
300
Ω
VCC_EN Output High
Leakage
VVCC_EN = 12V
--
4
10
μA
5VSB_DRV Output Low
resistance
5V_MAIN OK
--
125
200
Ω
5VSB_DRV Sink Current
5V_MAIN < UVLO
--
500
--
nA
5VSB_DRVOutput High
--
820
1200
Ω
Note 1.
Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
Devices are ESD sensitive. Handling precaution is highly recommended.
Note 3.
The operating conditions beyond the recommended range is not guaranteed.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity test board (single-layer,
1S) of JEDEC 51-3 thermal measurement standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com