Electronic Components Datasheet Search
  English  ▼

X  

RT9643 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9643
Description  5 Channel ACPI Regulator with Step-Down DC/DC Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9643 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9643 Datasheet HTML 7Page - Richtek Technology Corporation RT9643 Datasheet HTML 8Page - Richtek Technology Corporation RT9643 Datasheet HTML 9Page - Richtek Technology Corporation RT9643 Datasheet HTML 10Page - Richtek Technology Corporation RT9643 Datasheet HTML 11Page - Richtek Technology Corporation RT9643 Datasheet HTML 12Page - Richtek Technology Corporation RT9643 Datasheet HTML 13Page - Richtek Technology Corporation RT9643 Datasheet HTML 14Page - Richtek Technology Corporation RT9643 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
RT9643
11
DS9643-03 August 2007
www.richtek.com
source. The output voltage starts to go up when VCSS is
larger than 0.4V. To prevent large duty cycles and high
currents during the beginning of the PWM soft-start, Once
CSS has charged to 1.3V, the output voltage will be in
regulation.
The time it takes SS to reach 1.3V is :
where T1.3 is in ms if CSS is in nF.
The PWM regulator’ s latched faults are enabled until CSS
charges up to 1.5V. When CSS reaches 2.5V, the VTT
and 1.2V LDO will begin their soft-start ramps. After the
VTT and 1.2V LDO regulators are in regulation, PGOOD
is then allowed to go HIGH (open). UVLO on VCC will
discharge SS and reset the IC.
Current Sensing Section
Application Information
PWM Regulator
The RT9643 combines a single-phase synchronous buck
PWM controller designed to drive two N-Channel
MOSFETs. It provides a highly accurate, programmable
output voltage precisely regulated to low voltage
requirement with an internal 0.9V reference.
Setting the output voltage
The output voltage of the PWM regulator can be set in the
range of 0.9V to 90% of its power input by an external
resistor divider.
The internal reference is 0.9V. The output is divided down
by an external voltage divider to the FB pin (for example,
R1 and R2 in Typical Application Circuit). There is also a
1
μA precision (±5%) current sourced out of FB to ensure
that if the pin is open, VDDQ will remain low. The output
voltage therefore is :
To minimize noise pickup on this node, keep the resistor
to GND (R2) below 2k. We selected R2 at 1.82k and solved
for R1.
The synchronous buck converter is optimized for 5V
operation.
Oscillator
The internal oscillator frequency is 300kHz. The internal
PWM ramp is reset on the rising clock edge.
PWM Soft Start
When the PWM regulator is enabled the circuit will wait
until the VDDQ_IN pin is below 100mV to ensure that the
soft-start cycle does not begin with a large residual voltage
on the PWM regulator output.
When the PWM regulator is disabled, 50
Ω is turned on
from VDDQ_IN to PGND to discharge the output.
The voltage at the positive input of the error amplifier is
limited to VCSS which is charged with a 50
μA current
A
1
R1
0.9V
V
R2
0.9V
OUT
μ
+
−
=
1.82k
1.816k
R2
A x
1
0.9
0.9)
(V
x
R2
R1
OUT
≈
=
−
−
=
μ
50
C
x
1.3
T
SS
1.3
=
The following discussion refers to Figure 4.
The current through RSENSE resistor (ISNS) is sensed
shortly after low side MOSFET is turned on.
Setting the Current Limit
An ISNS is compared to the current established when a
0.9 V internal reference drives the ILIM pin. RILIM, the
RDS(ON) of Q2, and RSENSE determine the current limit :
Figure 4. Current Sense & Limit
-
+
Current Sense
ILIM x 10
0.9V
ILIM Mirror
2.5V
ILIM det.
RSENSE
ISNS
PGND
ILIM RILIM
DS(ON)
SENSE
LIMIT
ILIM
R
R
x
I
0.9
x
10
R
=
Where ILIMIT is the peak inductor current. Since the
tolerance on the current limit is largely dependent on the
ratio of the external resistors it is fairly accurate if the
voltage drop on the Switching Node side of RSENSE is an
accurate representation of the load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com