Electronic Components Datasheet Search
  English  ▼

X  

RT9643 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9643
Description  5 Channel ACPI Regulator with Step-Down DC/DC Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9643 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9643 Datasheet HTML 8Page - Richtek Technology Corporation RT9643 Datasheet HTML 9Page - Richtek Technology Corporation RT9643 Datasheet HTML 10Page - Richtek Technology Corporation RT9643 Datasheet HTML 11Page - Richtek Technology Corporation RT9643 Datasheet HTML 12Page - Richtek Technology Corporation RT9643 Datasheet HTML 13Page - Richtek Technology Corporation RT9643 Datasheet HTML 14Page - Richtek Technology Corporation RT9643 Datasheet HTML 15Page - Richtek Technology Corporation RT9643 Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
RT9643
12
DS9643-03 August 2007
www.richtek.com
EA
C
1
R
2
FB
REF
V
OUT
COMP
Z
IN
C
2
C
3
R
3
+
-
R1
Z
FB
Figure 5. Compensation Network
PGOOD Signal
PGOOD monitors the status of the PWM output as well
as the VTT and 1.2V LDO regulators. PGOOD remains
low unless all of the conditions below are met :
1. S3#I is HIGH
2. SS is above 4V
3. Fault latch is cleared
4. FB is between 90% and 110% of VREF
5. VTT and 1.2V LDO regulators are in regulation
Protection
The converter output is monitored and protected against
extreme overload, short circuit, over-voltage and under-
voltage conditions.
An internal “Fault Latch” is set for any fault intended to
shut down the IC. When the “Fault Latch” is set, the IC
will discharge VDDQ_IN by driving LGATE high until
VDDQ_IN < 0.5V. LGATE will then go low until VDDQ_IN >
0.8V. This behavior will discharge the output without
causing undershoot (negative output voltage).
When using the MOSFET as the sensing element, the
variation of RDS(ON) causes proportional variation in the
ISNS. This value not only varies from device to device,
but also has a typical junction temperature coefficient of
about 0.4%/
°C (consult the MOSFET datasheet for actual
values), so the actual current limit set point will decrease
proportional to increasing MOSFET die temperature. A
factor of 1.6 in the current limit set point should compensate
for all MOSFET RDS(ON) variations, assuming the
MOSFET’ s heat sinking will keep its operating die
temperature below 125
°C.
Current limit (ILIMIT) should be set sufficiently high as to
allow inductor current to rise in response to an output
load transient. Typically, a factor of 1.3 is sufficient. In
addition, since ILIMIT is a peak current cut-off value, we
will need to multiply ILOAD(MAX) by the inductor ripple current
(20% is chosen).
ILIMIT > ILOAD(MAX) x 1.6 x 1.3 x 1.2
Gate Driver Section
The adaptive gate control logic translates the internal PWM
control signal into the MOSFET gate drive signals providing
necessary amplification, level shifting and shoot-through
protection. Also, it has functions that help optimize the IC
performance over a wide range of operating conditions.
Since MOSFET switching time can vary dramatically from
type to type and with the input voltage, the gate control
logic provides adaptive dead time by monitoring the gate
to source voltages of both upper and lower MOSFETs.
The lower MOSFET drive is not turned on until the PHASE
has decreased to less than approximately one VT
(~0.6volt). Similarly, the upper MOSFET is not turned on
until the gate-to-source voltage of the lower MOSFET has
decreased to less than approximately one VT (~0.6 volt).
This allows a wide variety of upper and lower MOSFETs
to be used without a concern for simultaneous conduction,
or shoot-through.
There must be a low-resistance, low-inductance path
between the driver pin and the MOSFET gate for the
adaptive dead-time circuit to work properly. Any delay along
that path will subtract from the delay generated by the
adaptive dead-time circuit and shoot-through may occur.
Frequency Loop Compensation
The loop is compensated using a feedback network around
the error amplifier, which is a voltage output OP Amp.
Figure 5 shows a complete type3 compensation network.
A type2 compensation configuration eliminates R3 and
C3 and is shown in typical application circuit. Type2
compensation can be used for most applications. For
critical applications that require wide loop-bandwidth, and
use very low ESR output capacitors, type3 compensation
may be required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com