Electronic Components Datasheet Search
  English  ▼

X  

RT9643 Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT9643
Description  5 Channel ACPI Regulator with Step-Down DC/DC Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9643 Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT9643 Datasheet HTML 9Page - Richtek Technology Corporation RT9643 Datasheet HTML 10Page - Richtek Technology Corporation RT9643 Datasheet HTML 11Page - Richtek Technology Corporation RT9643 Datasheet HTML 12Page - Richtek Technology Corporation RT9643 Datasheet HTML 13Page - Richtek Technology Corporation RT9643 Datasheet HTML 14Page - Richtek Technology Corporation RT9643 Datasheet HTML 15Page - Richtek Technology Corporation RT9643 Datasheet HTML 16Page - Richtek Technology Corporation RT9643 Datasheet HTML 17Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
RT9643
14
DS9643-03 August 2007
www.richtek.com
Front-side bus GTL termination. The driving voltage on
the gate drive pin can be pull up to within 0.5V of VCC.
Use low Vth MOSFET to assure RDS(ON) is small enough
for full load operation. The soft start for the LDO is
accomplished by clamping the input voltage to a smooth
up-going ramp. The final input reference voltage after soft
start is 0.9V.
Component Selection
Components should be appropriately selected to ensure
stable operation, fast transient response, high efficiency,
minimum BOM cost and maximum reliability.
Output Inductor Selection
The selection of output inductor is based on the
considerations of efficiency, output power and operating
frequency. For a synchronous buck converter, the ripple
current of inductor (
ΔIL) can be calculated as follows :
Generally, an inductor that limits the ripple current between
20% and 50% of output current is appropriate. Make sure
that the output inductor could handle the maximum output
current and would not saturate over the operation
temperature range.
Output Capacitor Selection
The output capacitors determine the output ripple voltage
(
ΔVOUT) and the initial voltage drop after a high slew-rate
load transient. The selection of output capacitor depends
on the output ripple requirement. The output ripple voltage
is described as follows :
For electrolytic capacitor application, typically 90~95%
of the output voltage ripple is contributed by the ESR of
output capacitors. Paralleling lower ESR ceramic capacitor
with the bulk capacitors could dramatically reduce the
equivalent ESR and consequently the ripple voltage.
Input Capacitor Selection
Use mixed types of input bypass capacitors to control
the input voltage ripple and switching voltage spike across
the MOSFETs. The buck converter draws pulsewise
current from the input capacitor during the on time of upper
MOSFET. The RMS value of ripple current flowing through
the input capacitor is described as :
The input bulk capacitor must be cable of handling this
ripple current. Sometime, for higher efficiency the low ESR
capacitor is necessarily. Appropriate high frequency
ceramic capacitors physically near the MOSFETs
effectively reduce the switching voltage spikes.
MOSFET Selection
The selection of MOSFETs is based upon the
considerations of RDS(ON), gate driving requirements, and
thermal management requirements. The power loss of
upper MOSFET consists of conduction loss and switching
loss and is expressed as :
where TRISE and TFALL are rising and falling time of VDS of
upper MOSFET respectively. RDS(ON) and QG should be
simultaneously considered to minimize power loss of upper
MOSFET.
The power loss of lower MOSFET consists of conduction
loss, reverse recovery loss of body diode, and conduction
loss of body diode and is express as :
where TDIODE is the conducting time of lower body diode.
Special control scheme is adopted to minimize body diode
conducting time. As a result, the RDS(ON) loss dominates
the power loss of lower MOSFET. Use MOSFET with
adequate RDS(ON) to minimize power loss and satisfy
thermal requirements.
Bypass Capacitor Notes
Input capacitor C1 is typically chosen based on the ripple
current requirements. COUT is typically selected based
on both current ripple rating and ESR requirement. C17
D)
(1
C
x
L
x
f
V
x
8
1
ESR
x
ΔI
ΔV
OUT
2
OSC
OUT
L
OUT
−
+
=
D)
(1
x
D
x
I
I
OUT
IN(RMS)
−
=
OSC
FALL
RISE
IN
OUT
DS(ON)
OUT
SW_UPPER
_UPPER
COND
UPPER
f
x
)
T
(T
x
x V
I
2
1
D
x
R
x
I
P
P
P
+
+
=
+
=
OSC
DIODE
F
OUT
OSC
IN
RR
DS(ON)
OUT
DIODE
RR
_LOWER
COND
LOWER
f
x
T
x
x V
I
x
2
1
f
x
x V
Q
D)
(1
x
R
x
I
P
P
P
P
+
+
−
=
+
+
=
L
x
f
x
V
V
x
)
V
(V
ΔI
OSC
IN
OUT
OUT
IN
L
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com