Electronic Components Datasheet Search
  English  ▼

X  

RT9643 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9643
Description  5 Channel ACPI Regulator with Step-Down DC/DC Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9643 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9643 Datasheet HTML 2Page - Richtek Technology Corporation RT9643 Datasheet HTML 3Page - Richtek Technology Corporation RT9643 Datasheet HTML 4Page - Richtek Technology Corporation RT9643 Datasheet HTML 5Page - Richtek Technology Corporation RT9643 Datasheet HTML 6Page - Richtek Technology Corporation RT9643 Datasheet HTML 7Page - Richtek Technology Corporation RT9643 Datasheet HTML 8Page - Richtek Technology Corporation RT9643 Datasheet HTML 9Page - Richtek Technology Corporation RT9643 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
RT9643
6
DS9643-03 August 2007
www.richtek.com
Function Block Diagram
Functional Pin Description
1.2V_DRV (Pin1)
Gate drive for 1.2V linear controller. The pin will be turned
off (low) in S3 and S5 state.
1.2V_FB (Pin2)
Feedback for the 1.2V linear controller. The pin is applied
for 1.2V LDO output regulation sense. The voltage can be
disabled by pulling the pin higher than 0.9V.
5VSB_DRV (Pin3)
5VSB Control Switch. The pin is applied to drive an external
P-Channel MOSFET to switch 5VDL power to 5VSB in
S3 stage. The pin goes high in S0 and S5.
5V_Main (Pin4)
5V main power. When this pin is below 4.5V, transition
from S3 to S0 is inhibited.
VTT_SNS (Pin5)
Remote sense for VTT. The pin is applied to remote sense
the output voltage of VTT.
VTT_OUT (Pin6)
Output of VTT. Regulator power VTT output.
VDDQ_IN (Pin7)
Input of external VDDQ. Input power of VTT, the VTT is
implemented to tracking 1/2 VDDQ.
BOOT (Pin8)
PWM Boot. The pin is applied for VDDQ PWM boot-
strapped power for the embedded driver power.
UGATE (Pin9)
High-Side Drive. High-side MOSFET driver output of VDDQ
PWM. Connect to gate of high-side MOSFET.
Soft-Start
and
Control
Circuit
Gate
Control
UVL
UV
VR
OC
RA
Oscillator
PGOOD
VDD
+
+
+
+
+
+
+
+
VCC
FB
VTT_SNS
FB1.2
BOOT
UGATE
LGATE
PHASE
ISNS
GND
FB
VDDQ_IN
VTT_OT
VTT_SNS
REF_IN
ILIM
SS
3VSB_OUT
1.2V_FB
1.2V_DRV
PGOOD
VCC
VCC_EN
5V_MAIN
S3#I
EN
5VSB_DRV
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com