Electronic Components Datasheet Search
  English  ▼

X  

RT9643 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9643
Description  5 Channel ACPI Regulator with Step-Down DC/DC Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9643 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9643 Datasheet HTML 5Page - Richtek Technology Corporation RT9643 Datasheet HTML 6Page - Richtek Technology Corporation RT9643 Datasheet HTML 7Page - Richtek Technology Corporation RT9643 Datasheet HTML 8Page - Richtek Technology Corporation RT9643 Datasheet HTML 9Page - Richtek Technology Corporation RT9643 Datasheet HTML 10Page - Richtek Technology Corporation RT9643 Datasheet HTML 11Page - Richtek Technology Corporation RT9643 Datasheet HTML 12Page - Richtek Technology Corporation RT9643 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
RT9643
9
DS9643-03 August 2007
www.richtek.com
To be continued
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Oscillator
Frequency
FOSC
250
300
350
kHz
Ramp Amplitude pk-pk
--
1.8
--
V
Ramp offset
--
0.5
--
V
Reference and Soft Start
Internal Reference voltage
0.891
0.900
0.909
V
Initial ramp after power-up
--
5
--
μA
Soft Start Current
During PWM/LOD soft start
--
48
--
μA
SS discharge on resistance
EN = 0
--
280
--
Ω
PWM Converter
Load Regulation
IOUT from 0 to 16A
-2
--
+2
%
FB Bias Current
0.75
1
1.25
μA
Under Voltage shutdown
2us noise filter
65
75
80
%
Isns over-current threshold
RILIM
145
170
195
μA
Over voltage threshold
110
115
120
%
PWM Output Driver
Sourcing
--
1.8
3
Ω
UGATE Output Resistance
Sinking
--
1.8
3
Ω
Sourcing
-
1.8
3
Ω
LGATE Output Resistance
Sinking
--
1.2
2
Ω
PGOOD (Power good Output) and control pins, VDDQ output
Lower threshold
2us noise filter
86
--
92
%
Upper threshold
2us noise filter
108
--
115
%
PGOOD Output Low
IPGOOD
--
--
0.5
V
Leakage Current
Pull up to 5V
--
--
1
μA
VTT Regulator
VDDQ IN Current
S0 mode, IVTT = 0
--
35
70
mA
IVTT = 0, TA = 25°C
-20
--
20
mV
VREF IN to VTT
Differential Output Voltage
IVTT = ±1.25A (pulsed)
-40
--
40
mV
Internal Divider Gain
EN=0
0.493
0.498
0.503
V/V
VTT Current Limit
Pulse(300ms MAX), TA = 25°C
±1.5
±3
±4
A
VTT Leakage Current
S3#I = Low
−20
--
20
μA
VTT SNS input resistance
VTT = 0.9V
--
110
--
kΩ
VTT PGOOD
Measured at VTT SNS
80
--
110
%
Drop-Out Voltage
ITT = ±1.5A
-0.8
--
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com