Electronic Components Datasheet Search
  English  ▼

X  

RT9643 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9643
Description  5 Channel ACPI Regulator with Step-Down DC/DC Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9643 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9643 Datasheet HTML 4Page - Richtek Technology Corporation RT9643 Datasheet HTML 5Page - Richtek Technology Corporation RT9643 Datasheet HTML 6Page - Richtek Technology Corporation RT9643 Datasheet HTML 7Page - Richtek Technology Corporation RT9643 Datasheet HTML 8Page - Richtek Technology Corporation RT9643 Datasheet HTML 9Page - Richtek Technology Corporation RT9643 Datasheet HTML 10Page - Richtek Technology Corporation RT9643 Datasheet HTML 11Page - Richtek Technology Corporation RT9643 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
RT9643
8
DS9643-03 August 2007
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VCC------------------------------------------------------------------------------- 6.5V
PHASE Voltage -------------------------------------------------------------------------------------------- GND
− 5V to 24V
UGATE Voltage -------------------------------------------------------------------------------------------- VPHASE
− 0.3V to VBOOT+ 0.3V
LGATE Voltage --------------------------------------------------------------------------------------------- GND
− 0.3V to VCC + 0.3V
BOOT to GND ---------------------------------------------------------------------------------------------- 24V
VCC_EN to GND ------------------------------------------------------------------------------------------- 24V
BOOT to PHASE ------------------------------------------------------------------------------------------ 6.5V
BOOT to UGATE ------------------------------------------------------------------------------------------ 6.5V
UGATE to PHASE ---------------------------------------------------------------------------------------- 6.5V
Input, Output or I/O Voltage ----------------------------------------------------------------------------- GND
− 0.3V to VCC + 0.3V
Storage Temperature Range ----------------------------------------------------------------------------
−65°C to 150°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------- 260
°C
Junction Temperature Range ----------------------------------------------------------------------------
−20°C to 125°C
Power Dissipation, PD @ TA= 25
°C
VQFN-24L 5x5 --------------------------------------------------------------------------------------------- 1.923W
Package Thermal Resistance (Note 4)
VQFN-24L 5x5,
θJA ---------------------------------------------------------------------------------------- 52°C/W
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 3)
Supply Voltage, VCC -------------------------------------------------------------------------------------- 5V
± 10%
Ambient Temperature Range ----------------------------------------------------------------------------
−10°C to 85°C
Electrical Characteristics
(Rocommended Operating Conditions, unless otherwise specification)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Converter & POR
LGATE, UGATE open, FB > 0.9,
I(VTT) = 0, EN = 1, S3#I = 1
--
6
24
mA
EN = 1, S3#I=LOW, I(3.3)< 10mA
--
6
24
mA
VCC Current
IVCC
EN = 0, I(3.3) = 0
--
2
4
mA
Rising VCC
4.0
4.2
4.4
V
Falling
3.9
4.05
4.2
V
VCC UVLO Threshold
Hysteresis
--
150
--
mV
Rising
4.3
4.4
4.6
V
Falling
3.9
4.1
4.2
V
5V_MainUVLO Threshold
Hysteresis
--
300
--
mV
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com