Electronic Components Datasheet Search
  English  ▼

X  

RT9643 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9643
Description  5 Channel ACPI Regulator with Step-Down DC/DC Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9643 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9643 Datasheet HTML 1Page - Richtek Technology Corporation RT9643 Datasheet HTML 2Page - Richtek Technology Corporation RT9643 Datasheet HTML 3Page - Richtek Technology Corporation RT9643 Datasheet HTML 4Page - Richtek Technology Corporation RT9643 Datasheet HTML 5Page - Richtek Technology Corporation RT9643 Datasheet HTML 6Page - Richtek Technology Corporation RT9643 Datasheet HTML 7Page - Richtek Technology Corporation RT9643 Datasheet HTML 8Page - Richtek Technology Corporation RT9643 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
RT9643
5
DS9643-03 August 2007
www.richtek.com
Component Description
Qty
Ref
Vendor
See notes below
Cout
See notes below
C1,C12,C17
Capacitor 1uF, 10%, 16VDC, X7R, 0603
2
C2,C4
TDK
Capacitor 10nF, 10%, 50VDC, X7R, 0603
1
C3
TDK
Capacitor 10nF, 10%, 16V, X7R, 0603
1
C6
WALSIN
Capacitor 220pF, 10%, 50VDC, NPO, 0603
1
C9
WALSIN
Capacitor 10nF, 10%, 50VDC, X7R, 0603
2
C10, C11
TDK
Capacitor 220nF,10%, 10VDC, X7R, 0603
1
C5
WALSIN
Capacitor 100nF, 10%, 25VDC, X7R, 0603
1
C8
WALSIN
Inductor 1.8uH, 3.24m?,16 Amps
1
L1
Inter-Technical
Inductor 0.39uH, 2.8m, 15 Amps
1
L2
Inter-Technical
MOSFET N-CH, 8.8m, 30V, 50A, D-PAK, FSID: FDD6296
1
Q1
Fairchild
MOSFET N-CH, 6m, 30V, 75A, D-PAK, FSID: FDD6606
1
Q2
Fairchild
MOSFET N-CH, 32m, 20V, 21A, D-PAK, FSID: FDD6530A
3
Q3,Q5,Q6
Fairchild
MOSFET P-CH, 35m, -20V, -5.5A, SSOT-6, FSID : DC602P
1
Q4
Fairchild
Resistor 1.82k, 1%, 0805
4
R1,R2,R9,R10
Yageo
Resistor 56k, 1%, 0805
1
R5
Any
Resistor 11.8k, 1%, 0805
1
R6
Any
Resistor 3.01k, 1%, 0603
1
R7
Any
Resistor 9.09k, 1%, 0603
1
R8
Any
Resistor 10k, 1%, 0805
1
R4
Any
Resistor 1k, 1%, 0805
1
R3
Any
RT9643
1
U1
RichTek
Table 3. B.O.M of the Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com