Electronic Components Datasheet Search
  English  ▼

X  

PCAL9722 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCAL9722
Description  Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and reset
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9722 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCAL9722 Datasheet HTML 28Page - NXP Semiconductors PCAL9722 Datasheet HTML 29Page - NXP Semiconductors PCAL9722 Datasheet HTML 30Page - NXP Semiconductors PCAL9722 Datasheet HTML 31Page - NXP Semiconductors PCAL9722 Datasheet HTML 32Page - NXP Semiconductors PCAL9722 Datasheet HTML 33Page - NXP Semiconductors PCAL9722 Datasheet HTML 34Page - NXP Semiconductors PCAL9722 Datasheet HTML 35Page - NXP Semiconductors PCAL9722 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
NXP Semiconductors
PCAL9722
Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and
reset
002aag961
VDD(P)
time
ramp-down
(dV/dt)f
ramp-up
(dV/dt)r
time to re-ramp
when VDD(P) drops
to VPOR(min) - 50 mV
td(rst)
VI drops below POR levels
Figure 17. VDD(P) is lowered below the POR threshold, then ramped back up to VDD(P)
Table 60 specifies the performance of the power-on reset feature for PCAL9722 for both types of power-on
reset.
Tamb = 25 °C (unless otherwise noted). Not tested; specified by design.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
(dV/dt)f
fall rate of change of voltage
Figure 16
0.1
-
2000
ms
(dV/dt)r
rise rate of change of voltage
Figure 16
0.1
-
2000
ms
Figure 16; re-ramp time when
VDD(P) drops below 0.2 V or to VSS
1
-
-
μs
td(rst)
reset delay time
Figure 17; re-ramp time when
VDD(P) drops to VPOR(min) - 50 mV
1
-
-
μs
ΔVDD(gl)
glitch supply voltage difference
Figure 18
[1] -
-
1.0
V
tw(gl)VDD
supply voltage glitch pulse width
Figure 18
[2] -
-
10
μs
falling VDD(P)
0.7
-
-
V
VPOR(trip)
power-on reset trip voltage
rising VDD(P)
-
-
1.5
V
Table 60. Recommended supply sequencing and ramp rates
[1]
Level that VDD(P) can glitch down to with a ramp rate at 0.4 μs/V, but not cause a functional disruption when tw(gl)VDD < 1 μs.
[2]
Glitch width that will not cause a functional disruption when ΔVDD(gl) = 0.5 × VDD(P).
Glitches in the power supply can also affect the power-on reset performance of this device. The glitch
width (tw(gl)VDD) and glitch height (ΔVDD(gl)) are dependent on each other. The bypass capacitance, source
impedance, and device impedance are factors that affect power-on reset performance. Figure 18 and Table 60
provide more information on how to measure these specifications.
002aag962
VDD(P)
time
tw(gl)VDD
VDD(gl)
Figure 18. Glitch width and glitch height
VPOR is critical to the power-on reset. VPOR is the voltage level at which the reset condition is released
and all the registers and the SPI bus state machine are initialized to their default states. The value of VPOR
differs based on the VDD being lowered to or from 0 V. Figure 19 and Table 60 provide more details on this
specification.
PCAL9722
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 1 May 2023
32 / 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com