Electronic Components Datasheet Search
  English  ▼

X  

PCAL9722 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCAL9722
Description  Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and reset
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9722 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCAL9722 Datasheet HTML 1Page - NXP Semiconductors PCAL9722 Datasheet HTML 2Page - NXP Semiconductors PCAL9722 Datasheet HTML 3Page - NXP Semiconductors PCAL9722 Datasheet HTML 4Page - NXP Semiconductors PCAL9722 Datasheet HTML 5Page - NXP Semiconductors PCAL9722 Datasheet HTML 6Page - NXP Semiconductors PCAL9722 Datasheet HTML 7Page - NXP Semiconductors PCAL9722 Datasheet HTML 8Page - NXP Semiconductors PCAL9722 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
NXP Semiconductors
PCAL9722
Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and
reset
3 Ordering information
Package
Type number
Topside
marking
Name
Description
Version
PCAL9722HN
L9722
HVQFN32
plastic, thermal enhanced very thin quad flat package;
0.125 dimple wettable flank; 32 terminals; 0.5 mm pitch;
5 mm x 5 mm x 0.85 mm body
SOT617-3
PCAL9722HN/Q900 [1]
9722Q
HVQFN32
plastic, thermal enhanced very thin quad flat package;
0.125 dimple wettable flank; 32 terminals; 0.5 mm pitch;
5 mm x 5 mm x 0.85 mm body
SOT617-3
Table 1. Ordering information
[1]
Automotive AEC-Q100 (Grade 1) compliant. Contact NXP support for PPAP.
3.1 Ordering options
Type number
Orderable part number
Package
Packing method
Minimum
order
quantity
Temperature
PCAL9722HN
PCAL9722HNMP
HVQFN32
Reel 13” Q2/T3 SMD
DP
6000
Tamb = -40 °C to +85 °C
PCAL9722HN/Q900 [1]
PCAL9722HN/Q900MP
HVQFN32
Reel 13” Q2/T3 SMD
DP
6000
Tamb = -40 °C to +125 °C
Table 2. Ordering options
[1]
Automotive AEC-Q100 (Grade 1) compliant. Contact NXP support for PPAP.
PCAL9722
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 1 May 2023
4 / 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com