Electronic Components Datasheet Search
  English  ▼

X  

PCAL9722 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PCAL9722
Description  Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and reset
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9722 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PCAL9722 Datasheet HTML 40Page - NXP Semiconductors PCAL9722 Datasheet HTML 41Page - NXP Semiconductors PCAL9722 Datasheet HTML 42Page - NXP Semiconductors PCAL9722 Datasheet HTML 43Page - NXP Semiconductors PCAL9722 Datasheet HTML 44Page - NXP Semiconductors PCAL9722 Datasheet HTML 45Page - NXP Semiconductors PCAL9722 Datasheet HTML 46Page - NXP Semiconductors PCAL9722 Datasheet HTML 47Page - NXP Semiconductors PCAL9722 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
NXP Semiconductors
PCAL9722
Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and
reset
aaa-018231
0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10
15
20
25
30
VDD(P) - VOH (V)
IIsource
source
Isource
(mA)
(mA)
(mA)
T-40
T-40
T-40
T25
T25
T25
T85
T85
T85
a. VDD(P) = 1.65 V
aaa-018232
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
5
10
15
20
25
30
VDD(P) - VOH (V)
IIsource
source
Isource
(mA)
(mA)
(mA)
T-40
T-40
T-40
T25
T25
T25
T85
T85
T85
b. VDD(P) = 1.8 V
aaa-018233
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
10
20
30
40
VDD(P) - VOH (V)
IIsource
source
Isource
(mA)
(mA)
(mA)
T-40
T-40
T-40
T25
T25
T25
T85
T85
T85
c. VDD(P) = 2.5 V
aaa-018234
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
10
20
30
40
VDD(P) - VOH (V)
IIsource
source
Isource
(mA)
(mA)
(mA)
T-40
T-40
T-40
T25
T25
T25
T85
T85
T85
d. VDD(P) = 3.3 V
aaa-018235
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
10
20
30
40
50
VDD(P) - VOH (V)
IIsource
source
Isource
(mA)
(mA)
(mA)
T-40
T-40
T-40
T25
T25
T25
T85
T85
T85
e. VDD(P) = 5 V
aaa-018236
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
10
20
30
40
50
VDD(P) - VOH (V)
IIsource
source
Isource
(mA)
(mA)
(mA)
T-40
T-40
T-40
T25
T25
T25
T85
T85
T85
f. VDD(P) = 5.5 V
Figure 25. I/O source current vs HIGH-level output voltage
aaa-009091
-40
-15
10
35
60
85
0
30
60
90
120
150
180
Tamb (°C)
VOL
VOL
(mV)
(mV)
VDDP=1.8V@1mA
VDD(P)=1.8V@1mA
VDD(P)=5.0V@1mA
=1.8V@10mA
DD(P)
=5.0V@10mA
DD(P)
V
V
Figure 26. LOW-level output voltage vs temperature
PCAL9722
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 1 May 2023
44 / 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com