Electronic Components Datasheet Search
  English  ▼

X  

PCAL9722 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCAL9722
Description  Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and reset
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9722 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCAL9722 Datasheet HTML 5Page - NXP Semiconductors PCAL9722 Datasheet HTML 6Page - NXP Semiconductors PCAL9722 Datasheet HTML 7Page - NXP Semiconductors PCAL9722 Datasheet HTML 8Page - NXP Semiconductors PCAL9722 Datasheet HTML 9Page - NXP Semiconductors PCAL9722 Datasheet HTML 10Page - NXP Semiconductors PCAL9722 Datasheet HTML 11Page - NXP Semiconductors PCAL9722 Datasheet HTML 12Page - NXP Semiconductors PCAL9722 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
NXP Semiconductors
PCAL9722
Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and
reset
registers sequentially without modifying the pointer register. The contents of these bits will roll over to ‘000 0000’
after the last register (address = 76h) is accessed. Unimplemented register addresses (reserved registers) are
skipped. If more than 52 bytes are written, the address will loop back to the register which is indicated by the
seven low-order bits in the pointer register, and previously-written data will be overwritten. The de-assertion of
chip select (CS) condition will keep the pointer register value in the last read or write location.
When the Auto-Increment bit is cleared (AI = 0), the 2 least significant bits are automatically incremented after
a read or write for 3-register group which allows the user to program each of the 3-register group sequentially.
If more than 3 bytes of data are read or written when AI is 0, previous data in the selected registers will be
overwritten. For example: if input port 1 is read first, the next 2nd byte will be input port 2, and next 3nd byte
will be input port 0, there is no limit on the number of data bytes for this read operation. There are two special
6-register groups: output drive strength (40h~45h) and interrupt edge (60h~65h) registers will allow user
to program each of the 6-register group sequentially. Only Output port configuration register location (5Ch)
remains in the same location after a successive read or write.
aaa-015941
0
0
0
0
0
0
0
0
default value at power-up
or HW reset
AI B6 B5 B4 B3 B2 B1 B0
AI = Auto-Increment
Figure 4. Pointer register bits
Pointer register bits
B6 B5 B4 B3 B2 B1 B0
Command
byte
(hexadecimal)
Register
Protocol
Power-up
default
0
0
0
0
0
0
0
00h
Input port 0
read byte
xxxx xxxx[1]
0
0
0
0
0
0
1
01h
Input port 1
read byte
xxxx xxxx[1]
0
0
0
0
0
1
0
02h
Input port 2
read byte
xxxx xxxx[1]
0
0
0
0
0
1
1
03h
reserved[2]
reserved
reserved
0
0
0
0
1
0
0
04h
Output port 0
read/write byte 1111 1111
0
0
0
0
1
0
1
05h
Output port 1
read/write byte 1111 1111
0
0
0
0
1
1
0
06h
Output port 2
read/write byte 1111 1111
0
0
0
0
1
1
1
07h
reserved[2]
reserved
reserved
0
0
0
1
0
0
0
08h
Polarity Inversion port 0
read/write byte 0000 0000
0
0
0
1
0
0
1
09h
Polarity Inversion port 1
read/write byte 0000 0000
0
0
0
1
0
1
0
0Ah
Polarity Inversion port 2
read/write byte 0000 0000
0
0
0
1
0
1
1
0Bh
reserved[2]
reserved
reserved
0
0
0
1
1
0
0
0Ch
Configuration port 0
read/write byte 1111 1111
0
0
0
1
1
0
1
0Dh
Configuration port 1
read/write byte 1111 1111
0
0
0
1
1
1
0
0Eh
Configuration port 2
read/write byte 1111 1111
-
-
-
-
-
-
-
0Fh to 3Fh
reserved[2]
reserved
reserved
1
0
0
0
0
0
0
40h
Output drive strength register port 0A read/write byte 1111 1111
1
0
0
0
0
0
1
41h
Output drive strength register port 0B read/write byte 1111 1111
Table 6. Command byte
PCAL9722
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 1 May 2023
9 / 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com