Electronic Components Datasheet Search
  English  ▼

X  

PCAL9722 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCAL9722
Description  Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and reset
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9722 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCAL9722 Datasheet HTML 1Page - NXP Semiconductors PCAL9722 Datasheet HTML 2Page - NXP Semiconductors PCAL9722 Datasheet HTML 3Page - NXP Semiconductors PCAL9722 Datasheet HTML 4Page - NXP Semiconductors PCAL9722 Datasheet HTML 5Page - NXP Semiconductors PCAL9722 Datasheet HTML 6Page - NXP Semiconductors PCAL9722 Datasheet HTML 7Page - NXP Semiconductors PCAL9722 Datasheet HTML 8Page - NXP Semiconductors PCAL9722 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
PCAL9722
Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features,
interrupt output and reset
Rev. 1.1 — 1 May 2023
Product data sheet
1 General description
The PCAL9722 is a 22-bit general purpose I/O expander that provides remote I/O expansion for most
microcontroller families via the SPI interface. The ultra low-voltage interface allows for direct connection to a
microcontroller operating down to 1.1 V.
NXP I/O expanders provide a simple solution when additional I/Os are needed while keeping interconnections
to a minimum, for example, in battery-powered mobile applications for interfacing to sensors, push buttons,
keypad, etc. In addition to providing a flexible set of GPIOs, it simplifies interconnection of a processor running
at one voltage level down to 1.1 V to I/O devices operating at a different voltage level 1.65 V to 5.5 V. The
PCAL9722 has built-in level shifting feature that makes these devices extremely flexible in mixed power
supply systems where communication between incompatible I/O voltages is required, allowing seamless
communications with next-generation low voltage microprocessors and microcontrollers on the interface side
(SPI) and peripherals at a higher voltage on the port side.
There are two supply voltages for PCAL9722: VDD(SPI) and VDD(P). VDD(SPI) provides the supply voltage for
the interface at the master side (for example, a microcontroller) and the VDD(P) provides the supply for core
circuits and Port P. The bidirectional voltage level translation in the PCAL9722 is provided through VDD(SPI).
VDD(SPI) should be connected to the VDD of the external SPI lines. This indicates the VDD level of the SPI to the
PCAL9722, while the voltage level on Port P of the PCAL9722 is determined by the VDD(P).
The PCAL9722 works up to 5 MHz of SCLK speed and implements Agile I/O, which are additional features
specifically designed to enhance the I/O. These additional features are: programmable output drive strength,
latchable inputs, programmable pull-up/pull-down resistors, maskable interrupt, interrupt status register,
programmable open-drain or push-pull outputs.
Additional Agile I/O Plus features include interrupts that can be specified by level or edge, and can be cleared
individually without disturbing the other interrupt events. Also, switch debounce hardware is implemented.
At power-on, the I/Os are configured as inputs. However, the system master can enable the I/Os as either
inputs or outputs by writing to the I/O configuration bits. The data for each input or output is kept in the
corresponding input or output register. The polarity of the Input Port register can be inverted with the Polarity
Inversion register, saving external logic gates. Programmable pull-up and pull-down resistors eliminate the need
for discrete components.
The system master can reset the PCAL9722 in the event of a time-out or other improper operation by asserting
a LOW in the RESET input. The power-on reset puts the registers in their default state and initializes the SPI
state machine. The RESET pin causes the same reset/initialization to occur without de-powering the part.
The PCAL9722 open-drain interrupt (INT) output is activated when any input state differs from its corresponding
Input Port register state and is used to indicate to the system master that an input state has changed. As well,
the INT output can be specified to activate on input pin edges. There are a large number of interrupt mask
functions available to maximize flexibility.
INT can be connected to the interrupt input of a microcontroller. By sending an interrupt signal on this line, the
remote I/O can inform the microcontroller if there is incoming data on its ports without communication via the
SPI bus. Thus, the PCAL9722 can remain a simple slave device. The input latch feature holds or latches the


Similar Part No. - PCAL9722

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCAL9714 NXP-PCAL9714 Datasheet
708Kb / 56P
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
Rev. 1.0 - 1 May 2023
PCAL9714HN NXP-PCAL9714HN Datasheet
708Kb / 56P
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
Rev. 1.0 - 1 May 2023
PCAL9714HN/Q900 NXP-PCAL9714HN/Q900 Datasheet
708Kb / 56P
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
Rev. 1.0 - 1 May 2023
PCAL9714HN/Q900MP NXP-PCAL9714HN/Q900MP Datasheet
708Kb / 56P
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
Rev. 1.0 - 1 May 2023
PCAL9714HNMP NXP-PCAL9714HNMP Datasheet
708Kb / 56P
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
Rev. 1.0 - 1 May 2023
More results

Similar Description - PCAL9722

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCAL6524HEAZ NXP-PCAL6524HEAZ Datasheet
2Mb / 69P
Ultra low-voltage translating 24-bit Fm I2C-bus/SMBus I/O expander with Agile I/O features, interrupt output and reset
Rev.1.1-21 September 2016
logo
Texas Instruments
TCAL6416 TI-TCAL6416 Datasheet
1Mb / 42P
TCAL6416 Low-Voltage Translating, 16-Bit I2C-Bus/SMBus I/O Expander with Interrupt Output, Reset, and Agile I/O Configuration Registers
JUNE 2022
TCAL6416 TI-TCAL6416_V01 Datasheet
1Mb / 43P
TCAL6416 Low-Voltage Translating, 16-Bit I2C-Bus/SMBus I/O Expander with Interrupt Output, Reset, and Agile I/O Configuration Registers
JUNE 2022
TCAL6408 TI-TCAL6408_V01 Datasheet
1Mb / 39P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCAL6408 TI-TCAL6408_V02 Datasheet
1Mb / 42P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCAL6408 TI-TCAL6408_V03 Datasheet
1Mb / 45P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
logo
NXP Semiconductors
PCAL9714 NXP-PCAL9714 Datasheet
708Kb / 56P
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
Rev. 1.0 - 1 May 2023
logo
Texas Instruments
TCAL6408 TI-TCAL6408_V04 Datasheet
1Mb / 48P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL9538 TI-TCAL9538_V01 Datasheet
1Mb / 41P
TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL6408 TI1-TCAL6408_V05 Datasheet
1Mb / 51P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com