Electronic Components Datasheet Search
  English  ▼

X  

PCAL9722 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCAL9722
Description  Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and reset
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9722 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCAL9722 Datasheet HTML 37Page - NXP Semiconductors PCAL9722 Datasheet HTML 38Page - NXP Semiconductors PCAL9722 Datasheet HTML 39Page - NXP Semiconductors PCAL9722 Datasheet HTML 40Page - NXP Semiconductors PCAL9722 Datasheet HTML 41Page - NXP Semiconductors PCAL9722 Datasheet HTML 42Page - NXP Semiconductors PCAL9722 Datasheet HTML 43Page - NXP Semiconductors PCAL9722 Datasheet HTML 44Page - NXP Semiconductors PCAL9722 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
NXP Semiconductors
PCAL9722
Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and
reset
Tamb = -40 °C to +125 °C; VDD(SPI) = 1.1 V to 5.5 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ [1] Max
Unit
VDD(P) = 3.6 V to 5.5 V; fSCLK = 0 MHZ
-
3
12
μA
VDD(P) = 2.3 V to 3.6 V; fSCLK = 0 MHZ
-
2
6.5
μA
VDD(P) = 1.65 V to 2.3 V; fSCLK =
0 MHZ
-
1.5
4.5
μA
Active mode; IDD(SPI) + IDD(P);
SCLK, SDIN, CS, P port, ADDR, RESET;
VI on SDIN, CS, ADDR, and RESET =
VDD(SPI) or VSS;
VI on P port = VDD(P); IO = 0 mA; I/O =
inputs; fSCLK = 5 MHZ;
continuous register read with 100 pF load
on SDOUT
VDD(P) = 3.6 V to 5.5 V
-
2500
4200
μA
VDD(P) = 2.3 V to 3.6 V
-
2200
3200
μA
VDD(P) = 1.65 V to 2.3 V
-
1800
2800
μA
with pull-ups enabled; IDD(SPI) + IDD(P);
P port, ADDR, RESET; VI on ADDR,
SCLK, SDIN, CS, and RESET = VDD(SPI)
or VSS;
VI on P port = VSS; IO = 0 mA;
I/O = inputs with pull-up enabled; fSCLK =
0 kHz
VDD(P) = 1.65 V to 5.5 V
-
1.65
2.4
mA
ADDR, SCLK, SDIN, CS, and RESET;
one input at VDD(SPI) - 0.6 V, other inputs
at VDD(SPI) or VSS; VDD(P) = 1.65 V to 5.5 V
-
-
30
μA
ΔIDD
additional quiescent
supply current [5]
P port; one input at VDD(P) - 0.6 V, other
inputs at VDD(P) or VSS; VDD(P) = 1.65 V to
5.5 V
-
-
80
μA
Ci
input capacitance [6]
VI = VDD(SPI) or VSS; VDD(P) = 1.65 V to
5.5 V
-
6
7
pF
VI/O = VDD(SPI) or VSS; VDD(P) = 1.65 V to
5.5 V
-
7
8
pF
Cio
input/output capacitance
[6]
VI/O = VDD(P) or VSS; VDD(P) = 1.65 V to
5.5 V
-
7.5
8.5
pF
Rpu(int)
internal pull-up resistance input/output
50
100
150
kΩ
Rpd(int)
internal pull-down
resistance
input/output
50
100
150
kΩ
Table 65. Static characteristics for PCAL9722HN/Q900...continued
[1]
For IDD, all typical values are at nominal supply voltage (1.8 V, 2.5 V, 3.3 V or 3.6 V VDD) and Tamb = 25 °C. Except for IDD, the typical values are at VDD(P)
= VDD(SPI) = 3.3 V and Tamb = 25 °C.
[2]
The total current sourced by all I/Os must be limited to 160 mA.
[3]
Each I/O must be externally limited to a maximum of 25 mA and each octal (P0_0 to P0_7 and P1_0 to P1_7) must be limited to a maximum current of
100 mA, for a device total of 200 mA.
[4]
Typical value for Tamb = 25 °C. VOL = 0.4 V and VDD(SPI) = VDD(P) = 3.3 V. Typical value for VDD(SPI) = VDD(P) < 2.5 V, VOL = 0.6 V.
[5]
Internal pull-up/pull-down resistors disabled.
[6]
Value not tested in production, but guaranteed by design and characterization.
PCAL9722
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 1 May 2023
41 / 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com