Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 106 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 106 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 102Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 103Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 104Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 105Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 106Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 107Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 108Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 109Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 110Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-106
Example: Program to stop transmitting data. (When external clock is used.)
STEST1:
TEST
(SBISRB). SEF
;
If SEF
= 1 then loop
JRS
F, STEST1
STEST2:
TEST
(P5). 3
;
If SCK
= 0 then loop
JRS
T, STEST2
LD
(SBICRA), 00000111B
;
SIOS
← 0
Figure 2.9.25 Transmitted Data Hold Time at End of Transmit
b. 8-bit receive mode
Set a control register to a receive mode and the SIOS to “1” for switching to a
receive mode.
Data is received from the SI pin to the shift register in synchronous with the
serial clock, starting from the least significant bit (LSB). When the 8-bit data is
received, the data is transferred from the shift register to the SBIDBR. The
INTSBI (Buffer full) interrupt request is generated to request of reading the
received data. The data is read from the SBIDBR by the interrupt service
program.
When the external clock is used, since shift operation is synchronized with the
clock pulse provided externally, the received data should be read from SBIDBR
before next serial clock is input. If the received data is not read, further data to be
received is canceled.
When the internal clock is used, the automatic wait function is executed until
received data is read from SBIDBR.
The maximum transfer speed when the external clock is used is determined by
the delay time between the time when an interrupt request is generated and the
time when received data is read.
Received data disappears if this data is not completely read before reception of
the next data terminates. In this case, the next data received is read.
Receiving data is ended by clearing the SIOS to “0” by the buffer full interrupt
service program or setting the SIOINH to “1”. When the SIOS is cleared, received
data is transferred to the SBIDBR in complete blocks. The received mode ends
when the transfer is complete. In order to confirm if data is surely received by the
program, set the SIOF (Bit3 in SBIDBR) to be sensed. The SIOF is cleared to “0”
when receiving is complete. After confirming that receiving has ended, the last
data is read. When the SIOINH is set, receiving data stops. The SIOF turns “0”
(the received data becomes invalid, therefore no need to read it).
Note:
When the transfer mode is switched, the SBIDBR contents are lost. In case
that the mode needs to be switched, receiving data is concluded by clearing
the SIOS to “0”, read the last data, and then switch the mode.
SIOF
SCK
pin
SO pin
Bit6
Bit7
tSODH = Min 3.5/fc [s] (in NORMAL mode, IDLE mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com