Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 166 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 166 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 162Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 163Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 164Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 165Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 166Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 167Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 168Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 169Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 170Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-166
(4) Background function
Background color function is used to color the entire background for the
character area (Refer to Table 2.15.4). Except the character area whose character
code is 000H.
This function is specified for each display page by setting EBKGD (Bit7 in
ORRCL) in the OSD control register to “1”.
A background color is specified for each display page by setting IBDT, RBDT,
GBDT, and BBDT (Bit7 to 4 in ORBK) in the OSD control registers.
Background specification unit: Display page
Background enable register (1 bit) ..... EBKGD (Bit7 in ORRCL)
“0”
......... Disable background
“1”
......... Enable background
Background color specification unit: Display page
Background color specification registers (4 bits) ... IBDT, RBDT, GBDT,
BBDT (Bit7 to 4 in ORBK)
I signal function select: PISEL (Bit6 in ORETC)
“0”
......... 15 colors specification
I pin can be used to make a half level of R, G, B signal
(Dark color) through an extra circuit.
“1”
......... 8 colors specification
Contents of IBDT register is disregarded.
I pin can be used as half transparency/half tone
through an extra circuit.
Table 2.15.5 Background Color (15 colors)
IBDT
RBDT
GBDT
BBDT
Background Color
0
0
0
Black
0
0
1
Blue
0
1
0
Green
0
1
1
Cyan
1
0
0
Red
1
0
1
Magenta
1
1
0
Yellow
0
1
1
1
White
0
0
0
Black
0
0
1
Dark blue
0
1
0
Dark green
0
1
1
Dark cyan
1
0
0
Dark red
1
0
1
Dark magenta
1
1
0
Dark yellow
1
1
1
1
Gray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com