Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 170 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 170 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 166Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 167Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 168Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 169Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 170Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 171Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 172Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 173Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 174Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-170
(3) Full-raster blanking function
Full-raster blanking function is used to color the entire background for the
display area (TV screen). When using the full-raster blanking function, set
YBLCS (Bit2 in ORP6S) to “1”, output BL signal from Y/BL pin, because Y signal
cannot delete whole display page from video signal.
This function is specified for each display page by setting EXBL (Bit6 in
ORRCL) in the OSD register to “1”.
Full-raster blanking specification unit: Display page
Full-raster blanking enable register (1 bit) ..... EXBL (Bit6 in ORRCL)
“0”
........
Disable full-raster blanking
“1”
........
Enable full-raster blanking
Full-raster blanking color specification
registers (4 bits)
.........
RCLI, RCLR, RCLG, RCLB
(Bit3 to 0 in ORRCL)
I signal function select: PISEL (Bit6 in ORETC)
“0”
......... 15 colors specification
I pin can be used to make a half level of R, G, B signal (Dark
color) through an extra circuit.
“1”
......... 8 colors specification
Contents of RCLI register is disregarded.
I pin can be used as half transparency/half tone through an
extra circuit.
Table 2.15.5.6 Raster Plane Color (15 colors)
RCLI
RCLR
RCLG
RCLB
Raster Plane Color
0
0
0
Black
0
0
1
Blue
0
1
0
Green
0
1
1
Cyan
1
0
0
Red
1
0
1
Magenta
1
1
0
Yellow
0
1
1
1
White
0
0
0
Black
0
0
1
Dark blue
0
1
0
Dark green
0
1
1
Dark cyan
1
0
0
Dark red
1
0
1
Dark magenta
1
1
0
Dark yellow
1
1
1
1
Gray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com