Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 171 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 171 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 167Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 168Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 169Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 170Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 171Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 172Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 173Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 174Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 175Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-171
(4) Area plane function
Area plane function is used to display square area to two points on a screen.
Two planes operate independently. They are displayed according to the priority
(Area plane 1
> Area plane 2).
See area plane display position setting in section 2.15.5.3 (2) how to set display
positions for each area.
Each area plane is set to ON or OFF by AON2 and AON1 (Bit5 and bit4 in
ORRCL).
Area plane colors are set by ACLIx, ACLRx, ACLGx, ACLBx (Bit7 to bit0 in
ORACL, x: 1, 2).
Area plane colors: 8 or 15
Area plane specification unit: plane
Area plane color specification register (8 bit)
Area plane 1: ACLI1/ACLR1/ACLG1/ACLB1 (Bit3 to 0 in ORACL)
Area plane 2: ACLI2/ACLR2/ACLG2/ACLB2 (Bit7 to 4 in ORACL)
I signal function select: PISEL (Bit6 in ORETC)
“0”
......... 15 colors specification
I pin can be used to make a half level of R, G, B signal (Dark
color) through an extra circuit.
“1”
......... 8 colors specification
Contents of ACLI1 and ACLI2 register is disregarded.
I pin can be used as half transparency/half tone through an
extra circuit.
Table 2.15.5.7 Area Plane Color (15 colors)
ACLIx
ACLRx
ACLGx
ACLBx
Area Plane Color
0
0
0
Black
0
0
1
Blue
0
1
0
Green
0
1
1
Cyan
1
0
0
Red
1
0
1
Magenta
1
1
0
Yellow
0
1
1
1
White
0
0
0
Black
0
0
1
Dark blue
0
1
0
Dark green
0
1
1
Dark cyan
1
0
0
Dark red
1
0
1
Dark magenta
1
1
0
Dark yellow
1
1
1
1
Gray
x
: 1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com