Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 175 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 175 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 171Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 172Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 173Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 174Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 175Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 176Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 177Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 178Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 179Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-175
(2) Interrupt generator circuit
An interrupt request is generated when a falling edge of VD signal or when line
counter (DCTR) is counted to the certain value specified by ISDC.
Interrupt source select register (1 bit) ..... SVD (Bit4 in ORIRC)
“0”
......... Interrupt request generated when the display line counter
(DCTR) is counted to the certain value which is specified by
ISDC.
“1”
......... Interrupt request is generated when a falling edge of VD
signal.
Interrupt generation line specification register (4 bits) ...... ISDC (Bit3 to 0 in
ORIRC)
“0000”
......... Interrupt request generated when the display line counter
is cleared.
“0001”
......... Interrupt request generated at end points of the last
scanning line of the first display line
“0010”
......... Interrupt request generated at end points of the last
scanning line of the 2’nd display line
..
.
“1111”
......... Interrupt request generated at end points of the last
scanning line of the 15’th display line
2.15.5.7 Display Memory Access
(1) Display memory
The display memory is accessed for two purposes, one for writing data to the
display memory, and one for reading data from the display memory.
Display memory address specification registers
(9 bits)
.... DMA8 to MDA0 (ORDMA)
Display memory data write registers
Character code write register (9 bits)
.... CRA8 to CRA0 (ORCRA)
Character ornamentation data write registers
(7 bits)
.... SLNT, EUL, BLF, IDT, RDT,
GDT, and BDT (ORDSN)
Display memory bank select register MBK (Bit1 in ORETC)
“0”
......... When writing either character code or character ornamentation data
“1”
......... When writing both character code and character ornamentation data
Note 1: These control registers have a characteristic that immediately when a value is
written to the register, the content of the register is transferred as valid data to the
OSD circuit/display memory.
Note 2: The data written to the display memory takes effect at the same time it is written. When
character code or character ornamentation data is written to the display memory while
it is displaying some character, the character may not be displayed correctly. When
writing data to the display memory, make sure no character is being displayed in the
memory location where you are going to write data.
Note 3: When writing data to or reading data from the display memory, do not use two-byte
transfer instructions such as “LDW(HL),mn LD rr, (pp)”. Otherwise, erroneous data
may be written to the display memory or data may be written to an incorrect
address.
Note 4: Allow for at least two instruction cycles between a display memory address write
instruction and a data write or read instruction. Also, when continuous writing data
to or reading data from the display memory, allow for at least two instruction cycles
between one write or read instruction and the next. Otherwise, erroneous data
may be written to the display memory or data may be written to an incorrect
address.
Note 5: When setting display memory addresses, always be sure to write all of 9 address
bits sequentially in order of DMA8 and DMA7 to DMA0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com