| Electronic Components Datasheet Search |
|
TMP88CS38 Datasheet(PDF) 177 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP88CS38 Datasheet(HTML) 177 Page - Toshiba Semiconductor |
|
177 / 226 page ![]() TMP88CS38/CM38A/CP38A 2007-09-12 88CS38-177 <Display memory read sequence in normal mode> a. When reading either character code or character ornamentation data (1) Set MFYWR to 0, MBK to 0, and RDWRV to 1. (2) Write the most significant address bit of the display memory to DMA8. Go on and write the 8 low-order address bits of the display memory to DMA7 to DMA0. (3) Reading character code or character ornamentation data • Reading character code Read the most significant bit of character code to CRA8. Go on and read the 8 low-order bits of character code to CRA7 to CRA0. At this point in time, DMA8 to DMA0 are automatically incremented. • Reading character ornamentation data Read character ornamentation data SLNT, EUL, BLF, IDT, RDT, GDT, and BDT. At this point in time, DMA8 through DMA0 are automatically incremented. (4) To read data (Character code or character ornamentation data) from continuous addresses, repeat step (3). b. When reading character code and character ornamentation data at a time (1) Set MFYWR to 0, MBK to 1, and RDWRV to 1. (2) Write the most significant address bit of the display memory to DMA8. Go on and write the 8 low-order address bits of the display memory to DMA7 to DMA0. (3) Read character ornamentation data SLNT, EUL, BLF, IDT, RDT, GDT, and BDT. (4) Read the most significant bit of character code to CRA8. Read the 8 low-order bits of character code to CRA7 to CRA0. At this point in time, DMA8 to DMA0 are automatically incremented. (5) To read data from continuous addresses, repeat steps (3) and (4). 2. Read-modify-write mode When writing data in read-modify-write mode, the display memory addresses are automatically incremented as in normal mode, but when reading data in this mode, the memory addresses are not automatically incremented. Therefore, immediately after executing a read from some display memory address, you can execute a write to the same display memory address. After executing a write, the display memory addresses are automatically incremented. a. Reading/writing either character code or character ornamentation data in read-modify-write mode (1) Set MFYWR to 1 and MBK to 0, and RDWRV to 1. (2) Write the most significant address bit of the display memory to DMA8. Go on and write the 8 low-order address bits of the display memory to DMA7 to DMA0. (3) Reading character code or character ornamentation data • Reading character code Read the most significant bit of character code to CRA8. Read the 8 low-order bits of character code to CRA7 to CRA0. DMA8 to DMA0 are not incremented. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |