Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 178 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 178 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 174Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 175Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 176Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 177Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 178Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 179Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 180Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 181Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 182Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-178
•
Reading character ornamentation data
Read character ornamentation data SLNT, EUL, BLF, IDT, RDT, GDT, and
BDT. DMA8 to DMA0 are not incremented.
(4) Writing character code or character ornamentation data
•
Set RDWRV to “0”.
•
Writing character code
Write the most significant bit of character code to CRA8. Go on and write
the 8 low-order bits of character code to CRA7 to CRA0. At this point in time,
the 9 bits of character code written are transferred to the display memory, and
DMA8 to DMA0 are automatically incremented.
•
Writing character ornamentation data
Write character ornamentation data to SLNT, EUL, BLF, IDT, RDT, GDT,
and BDT. At this point in time, the character ornamentation data written are
transferred to the display memory, and DMA8 to DMA0 are automatically
incremented.
(5) To continue executing read-modify-write operations, repeat steps (1) to (4). To
read/write data (Character code or character ornamentation data). To
continue executing read-modify-write mode from continuous addresses,
repeat steps (3) and (4).
b. Reading/writing both character code and character ornamentation data in
read-modify-write mode
(1) Set MFYWR to 1, MBK to 1 and RDWRV to 1
(2) Write the most significant address bit of the display memory to DMA8. Go on
and write the 8 low-order address bits of the display memory to DMA7 to
DMA0.
(3) Read character ornamentation data SLNT, EUL, BLF, IDT, RDT, GDT, and
BDT. At this point in time, DMA8 to DMA0 are not incremented.
(4) Read the most significant bit of character code to CRA8. Read the 8 low-order
bits of character code to CRA7 to CRA0. At this point in time, DMA8 to DMA0
are not incremented.
(5) Set RDWRV to “0”.
(6) Write character ornamentation data to SLNT, EUL, BLF, IDT, RDT, GDT, and
BDT. At this point in time, the character ornamentation data written is
transferred to the display memory.
(7) Write the most significant bit of character code to CRA8. Go on and write the 8
low-order bits of character code to CRA7 to CRA0. At this point in time, the 9
bits of character code written and the character ornamentation data written
in step (6) are transferred to the display memory, and DMA8 to DMA0 are
automatically incremented.
(8) To continue executing read-modify-write operations, repeat steps (1) to (7). (To
read/write data to and from continuous addresses in read-modify-write mode,
repeat steps (3) to (7).)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com