Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 181 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 181 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 177Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 178Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 179Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 180Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 181Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 182Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 183Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 184Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 185Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-181
(4) Blinking function
Blinking function is used to blink display characters.
When BKMF is “1”, characters specified for blinking by BLF are not displayed.
(If the background color function is used, the background color is not
disappeared.)
Blinking specification unit: Character
Blinking specification register (1 bit) ....... BLF (Bit4 in ORDSN)
“0”
......... No blinking
“1”
......... Blinking
Blinking master specification register (1 bit) ...... BKMF (Bit5 in ORETC)
“0”
......... Disable blinking
“1”
......... Enable blinking (Characters whose BLF are set to “1” are not
displayed.)
Note:
Regarding the extra dot of the left and/or right character by fringing function, it
is not enabled as blink.
(5) Underline function
Underline function is used to add a line under a display character. The
underline is same color as that of character.
Underline specification unit: Character/line
Underline enable register (Character unit) (1 bit) ..... EUL (Bit5 in ORDSN)
“0”
......... No underline
“1”
......... Underline
Underline enable register (Line unit) (1 bit
× 12) ...... EULAn (n: 1 to 8)(OREULA8),
EULAn (n: 9 to 12)
(OREULA12)
Underline colors: 8 or 15
Underline color specification registers (4 bits)
...... RDT, GDT, BDT, IDT (Bit3 to 0
in ORDSN)
(Refer to Table 2.15.5.9)
Note:
To use the underline function, set both the underline enable register for
underlining text in characters and that for underlining text in lines. If the former
register (EUL) only is set, an underline is not displayed.
Figure 2.15-26 Underline
Underline display area
6
18
24
16
Character display area
EUL
= 0
EUL
= 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com